Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATS2825 Arkusz danych(PDF) 16 Page - List of Unclassifed Manufacturers

Numer części ATS2825
Szczegółowy opis  Bluetooth Module SPEC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

ATS2825 Arkusz danych(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ATS2825 Datasheet HTML 12Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 13Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 14Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 15Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 16Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 17Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 18Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 19Page - List of Unclassifed Manufacturers ATS2825 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ATS2825 Bluetooth Module SPEC
Copyright© 2015 Actions (Zhuhai) Technology Co., Ltd. All rights reserved.
Version 1.0
Page 15
30-2000 MHz
-10
-8
dBm
2000-2400 MHz
-27
-25
dBm
2500-3000 MHz
-27
-25
dBm
Blocking @ Pin = -67dBm
with 0.1% BER
3000-12750 MHz
-10
-8
dBm
Enhanced Data Rate of Receiver
Core Supply Voltage = 1. 05V @ Tamb=25℃
Parameter
Condition
Min.
Typ.
Max.
Unit
π/4 DQPSK
-88
dBm
Sensitivity at 0.01%
BER
8DPSK
-82
dBm
π/4 DQPSK
-20
dBm
Maximum Input
Power at 0.1% BER
8DPSK
-20
dBm
π/4 DQPSK
13
dB
Co-Channel
Interference
8DPSK
21
dB
F = F0 + 1MHz
π/4 DQPSK
0
dB
8DPSK
5
dB
F = F0 - 1MHz
π/4 DQPSK
0
dB
8DPSK
5
dB
F = F0 + 2MHz
π/4 DQPSK
-30
dB
8DPSK
-25
dB
F = F0 - 2MHz
π/4 DQPSK
-20
dB
8DPSK
-13
dB
F = F0 + 3MHz
π/4 DQPSK
-40
dB
8DPSK
-33
dB
F = Fimage
π/4 DQPSK
-7
dB
Adjacent Channel
Selectivity C/I
8DPSK
0
dB


Podobny numer części - ATS2825

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ATS2800S IRF-ATS2800S Datasheet
162Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTER
ATS2800S IRF-ATS2800S_15 Datasheet
162Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTER
ATS2803R3DCH IRF-ATS2803R3DCH Datasheet
162Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTER
ATS2803R3DES IRF-ATS2803R3DES Datasheet
162Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTER
ATS2803R3DHB IRF-ATS2803R3DHB Datasheet
162Kb / 10P
   HIGH RELIABILITY DC-DC CONVERTER
More results

Podobny opis - ATS2825

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AP6212 ETC2-AP6212 Datasheet
1Mb / 26P
   WiFiBluetooth 4.0FM RX SIP Module Spec Sheet
logo
Varitronix internationa...
COG-C150FAG-01 VARITRONIX-COG-C150FAG-01 Datasheet
90Kb / 1P
   MODULE SPEC
COG-C286FVJ-01 VARITRONIX-COG-C286FVJ-01 Datasheet
39Kb / 1P
   MODULE SPEC
COG-C177MVH-01 VARITRONIX-COG-C177MVH-01 Datasheet
130Kb / 1P
   MODULE SPEC
COG-T130MLH-01 VARITRONIX-COG-T130MLH-01 Datasheet
216Kb / 1P
   MODULE SPEC
logo
List of Unclassifed Man...
BLUEM-G1X0 ETC-BLUEM-G1X0 Datasheet
885Kb / 15P
   Bluetooth Module
PARANI-BCD100 ETC-PARANI-BCD100 Datasheet
774Kb / 22P
   Bluetooth Module
logo
Sony Corporation
CXN1010 SONY-CXN1010 Datasheet
184Kb / 21P
   Bluetooth Module
logo
BUDDIES TECHNOLOGY LIMI...
BLM211 BUDDIES-BLM211 Datasheet
302Kb / 15P
   Bluetooth Module
BTA256M BUDDIES-BTA256M Datasheet
260Kb / 17P
   Bluetooth Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com