Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX-7 Arkusz danych(PDF) 22 Page - List of Unclassifed Manufacturers

Numer części MAX-7
Szczegółowy opis  u-blox 7 GNSS modules
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

MAX-7 Arkusz danych(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button MAX-7 Datasheet HTML 16Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 17Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 18Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 19Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 20Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 21Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 22Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 23Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
MAX-7 - Data Sheet
UBX-13004068 - R05
Production Information
Labeling and ordering information
Page 22 of 24
9 Labeling and ordering information
9.1 Product labeling
The labeling of u-blox 7 GNSS modules includes important product information. The location of the MAX-7
series product type number is shown in Figure 6.
Figure 6: Location of product type number on MAX-7 module label
9.2 Explanation of codes
Three different product code formats are used. The Product Name is used in documentation such as this data
sheet and identifies all u-blox 7 products, independent of packaging and quality grade. The Ordering Code
includes options and quality, while the Type Number includes the hardware and firmware versions. Table 10
below details these three different formats:
Format
Structure
Product Name
PPP-GV
Ordering Code
PPP-GV-T
Type Number
PPP-GV-T-XXX
Table 10: Product Code Formats
The parts of the product code are explained in Table 11.
Code
Meaning
Example
PPP
Product Family
MAX
G
Product Generation
7 = u-blox 7
V
Variant
T = Timing, R = DR, etc.
T
Option / Quality Grade
Describes standardized functional element or quality grade such as
Flash size, automotive grade etc.
XXX
Product Detail
Describes product details or options such as hard- and software
revision, cable length, etc.
Table 11: part identification code
9.3 Ordering codes
Ordering No.
Product
MAX-7C-0
u-blox 7 GNSS Module, 1.65–3.6V, Crystal, ROM, 9.7x10.1 mm, 500 pcs/reel
MAX-7Q-0
u-blox 7 GNSS Module, 2.7-3.6V, TCXO, ROM, 9.7x10.1 mm, 500 pcs/reel
MAX-7W-0
u-blox 7 GNSS Module, 2.7-3.6V, TCXO, ROM, Active Antenna Supply, 9.7x10.1 mm, 500 pcs/reel
Table 12: Product ordering codes for professional grade modules
Product changes affecting form, fit or function are documented by u-blox. For a list of Product Change
Notifications (PCNs) see our website.


Podobny numer części - MAX-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cooper Bussmann, Inc.
MAX-70 COOPER-MAX-70 Datasheet
78Kb / 1P
   Blade-Type Fuses
MAX-70 COOPER-MAX-70 Datasheet
78Kb / 1P
   Blade-Type Fuses
logo
SL Power Electronics
MAX-700 SLPOWER-MAX-700 Datasheet
85Kb / 2P
   700, 750 WATTS MULTIPLE OUTPUT
MAX-700 SLPOWER-MAX-700 Datasheet
85Kb / 2P
   700, 750 WATTS MULTIPLE OUTPUT
logo
Altera Corporation
MAX-7000A ALTERA-MAX-7000A Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results

Podobny opis - MAX-7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
u-blox AG
NEO-M8 U-BLOX-NEO-M8 Datasheet
1Mb / 26P
   u-blox M8 concurrent GNSS modules
MAX-M8 U-BLOX-MAX-M8 Datasheet
808Kb / 28P
   u-blox M8 concurrent GNSS modules
UBX-G7020-KT U-BLOX-UBX-G7020-KT Datasheet
1Mb / 38P
   u-blox 7 GPS/GNSS chips
Revision1 1/27/2012
CAM-M8 U-BLOX-CAM-M8 Datasheet
1Mb / 31P
   u-blox M8 Concurrent GNSS Antenna Modules
MAX-M10 U-BLOX-MAX-M10 Datasheet
100Kb / 2P
   u-blox M10 standard precision GNSS modules
NEO-M8P U-BLOX-NEO-M8P Datasheet
1Mb / 29P
   u-blox M8 High Precision GNSS Modules
ZOE-M8 U-BLOX-ZOE-M8 Datasheet
1Mb / 31P
   Ultra-small u-blox M8 GNSS SiP modules
EVK-M101 U-BLOX-EVK-M101 Datasheet
122Kb / 1P
   u-blox M10 GNSS evaluation kit
UBX-M8030 U-BLOX-UBX-M8030 Datasheet
269Kb / 2P
   Versatile u-blox M8 GNSS chips
ZED-F9P U-BLOX-ZED-F9P Datasheet
1Mb / 24P
   u-blox F9 high precision GNSS module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com