Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100E445 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC100E445
Szczegółowy opis  4-BIT SERIAL/ PARALLEL CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E445 Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC100E445 Datasheet HTML 1Page - ON Semiconductor MC100E445 Datasheet HTML 2Page - ON Semiconductor MC100E445 Datasheet HTML 3Page - ON Semiconductor MC100E445 Datasheet HTML 4Page - ON Semiconductor MC100E445 Datasheet HTML 5Page - ON Semiconductor MC100E445 Datasheet HTML 6Page - ON Semiconductor MC100E445 Datasheet HTML 7Page - ON Semiconductor MC100E445 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10E445 MC100E445
3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Condition
IIH
Input HIGH Current
150
150
150
µA
VOH
Ouput HIGH Current
10E (SOUT Only)
100E (SOUT Only)
–1020
–1025
–790
–830
–980
–1025
–760
–830
–910
–1025
–670
–830
V
1
1
VBB
Output Reference Voltage
10E
100E
–1.38
–1.38
–1.27
–1.26
–1.35
–1.38
–1.25
–1.26
–1.31
–1.38
–1.19
–1.26
V
IEE
Power Supply Current
10E
100E
154
154
185
185
154
154
185
185
154
177
185
212
mA
1. The maximum VOH limit was relaxed from standard ECL due to the high frequency output design. All other outputs are specified with the standard
10E and 100E VOH levels.
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Condition
fMAX
Maximum Conversion Frequency
2.0
2.0
2.0
Gb/s
NRZ
tPLH
tPHL
Propagation Delay to Output
CLK to Q
CLK to SOUT
CLK to CL/4
CLK to CL/8
1500
800
1100
1100
1800
975
1325
1325
2100
1150
1550
1550
1500
800
1100
1100
1800
975
1325
1325
2100
1150
1550
1550
1500
800
1100
1100
1800
975
1325
1325
2100
1150
1550
1550
ps
ts
Setup Time
SINA, SINB
SEL
–100
0
–250
–200
–100
0
–250
–200
–100
0
–250
–200
ps
th
Hold Time
SINA, SINB, SEL
450
300
450
300
450
300
ps
tRR
Reset Recovery Time
500
300
500
300
500
300
ps
tPW
Minimum Pulse Width
CLK, MR
400
400
400
ps
tr
tf
Rise/Fall Times
SOUT
Other
100
200
225
425
350
650
100
200
225
425
350
650
100
200
225
425
350
650
ps
20%–80%


Podobny numer części - MC100E445

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100E445 ONSEMI-MC100E445 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC100E445FN ONSEMI-MC100E445FN Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC100E445FNG ONSEMI-MC100E445FNG Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC100E445FNR2 ONSEMI-MC100E445FNR2 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC100E445FNR2G ONSEMI-MC100E445FNR2G Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
More results

Podobny opis - MC100E445

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
SK10E445PJ SEMTECH-SK10E445PJ Datasheet
171Kb / 8P
   4-bit serial / parallel converter
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446 Datasheet
125Kb / 6P
   4-BIT PARALLEL/ SERIAL CONVERTER
1996 REV 2
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
SY10E445 MICREL-SY10E445_06 Datasheet
83Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446_06 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
logo
ON Semiconductor
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
logo
New Japan Radio
NJU3754 NJRC-NJU3754 Datasheet
99Kb / 6P
   11-BIT PARALLEL TO SERIAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com