Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A2066YEPR Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części TS5A2066YEPR
Szczegółowy opis  DUAL-CHANNEL 10-W SPST ANALOG SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5A2066YEPR Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TS5A2066YEPR Datasheet HTML 7Page - Texas Instruments TS5A2066YEPR Datasheet HTML 8Page - Texas Instruments TS5A2066YEPR Datasheet HTML 9Page - Texas Instruments TS5A2066YEPR Datasheet HTML 10Page - Texas Instruments TS5A2066YEPR Datasheet HTML 11Page - Texas Instruments TS5A2066YEPR Datasheet HTML 12Page - Texas Instruments TS5A2066YEPR Datasheet HTML 13Page - Texas Instruments TS5A2066YEPR Datasheet HTML 14Page - Texas Instruments TS5A2066YEPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
TYPICAL PERFORMANCE
Figure 1
0
10
20
30
40
50
60
70
80
90
VCOM (V)
TA = 25°C
NO1 > COM1
0
0.25
0.5
1
1.25
1.5
1.75
0.75
0
5
10
15
20
25
VCOM (V)
TA = 25°C
NO1 > COM1
0
0.3
0.6
1.2
1.5
1.8
2.1
0.9
2.4
0
2
4
6
8
10
12
14
VCOM (V)
TA = 25°C
NO1 > COM1
0
0.5
1
2
2.5
3
1.5
0
1
2
3
4
5
6
7
8
9
10
VCOM (V)
TA = 25°C
NO1 > COM1
0
0.5
1
2
2.5
3
1.5
3.5
4
4.5
V+ = 1.65 V
V+ = 2.3 V
V+ = 3 V
V+ = 4.5 V
0
2
4
6
8
10
12
14
16
VCOM (V)
TA = −40°C
TA = 25°C
TA = 85°C
0
0.5
1
2
2.5
3
1.5
TS5A2066
DUAL-CHANNEL 10-
Ω SPST ANALOG SWITCH
SCDS184A – JANUARY 2005 – REVISED SEPTEMBER 2005
Figure 1. ron vs VCOM
Figure 2. ron vs VCOM (V+ = 3 V)
11


Podobny numer części - TS5A2066YEPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A2066YZPR TI-TS5A2066YZPR Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066YZPR TI1-TS5A2066YZPR Datasheet
983Kb / 31P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
More results

Podobny opis - TS5A2066YEPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A1066 TI-TS5A1066_10 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A2066 TI1-TS5A2066_14 Datasheet
983Kb / 31P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066_10 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066_15 Datasheet
928Kb / 30P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
MAX4596 TI-MAX4596_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597 TI-MAX4597_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4594 TI-MAX4594_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595 TI-MAX4595_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595DBVR TI-MAX4595DBVR Datasheet
693Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-??SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com