Zakładka z wyszukiwarką danych komponentów |
|
TS5A2066DCTR Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
TS5A2066DCTR Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 24 page www.ti.com Electrical Characteristics for 3.3-V Supply (1) TS5A2066 DUAL-CHANNEL 10- Ω SPST ANALOG SWITCH SCDS184A – JANUARY 2005 – REVISED SEPTEMBER 2005 V + = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, VNO 0 V+ V range 0 ≤ V NO ≤ V+, 25 °C 10 12 15 ON-state Switch ON, ron 3 V Ω ICOM = –24 mA, resistance See Figure 13 Full 12 20 ON-state 25 °C 0.04 0.5 1.5 resistance match VNO = 2.1 V, Switch ON, ∆r on 3 V Ω between ICOM = –24 mA, See Figure 13 Full 0.01 3.5 channels ON-state 25 °C 6 7 8 0 ≤ V NO ≤ V+, Switch ON, resistance ron(flat) 3 V Ω ICOM = –24 mA, See Figure 13 Full 9 12 flatness VNO = 1 V, 25 °C –30 –6 30 NO VCOM = 3 V, Switch OFF, OFF leakage INO(OFF) or 3.6 V nA See Figure 14 Full –40 40 current VNO = 3 V, VCOM = 1 V, VCOM = 1 V, 25 °C –50 –7 50 COM VNO = 3 V, Switch OFF, OFF leakage ICOM(OFF) or 3.6 V nA See Figure 14 Full –50 50 current VCOM = 3 V, VNO = 1 V, VNO = 1 V, 25 °C –40 –7 40 NO VCOM = Open, Switch ON, ON leakage INO(ON) or 3.6 V nA See Figure 15 Full –40 40 current VNO = 3 V, VCOM = Open VCOM = 1 V, 25 °C –70 –20 70 COM VNO = Open, Switch ON, ON leakage ICOM(ON) or 3.6 V nA See Figure 15 Full –70 70 current VCOM = 3 V, VNO = Open, Digital Control Input (IN) Input logic high VIH Full V+ × 0.7 5.5 V Input logic low VIL Full 0 V+ × 0.3 V 25 °C –0.1 0.05 0.1 Input leakage IIH, IIL VI = 5.5 V or 0 3.6 V µA current Full –1 1 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum 5 |
Podobny numer części - TS5A2066DCTR |
|
Podobny opis - TS5A2066DCTR |