Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100EL12 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC100EL12
Szczegółowy opis  Low Impedance Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL12 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC100EL12 Datasheet HTML 1Page - ON Semiconductor MC100EL12 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–1
REV 2
© Motorola, Inc. 1996
12/93
Low Impedance Driver
The MC10EL/100EL12 is a low impedance drive buffer. With two pairs
of OR/NOR outputs the device is ideally suited for high drive applications
such as memory addressing. The device is a function equivalent to the
E112 device with higher performance capabilities. With propagation
delays significantly faster than the E112 the EL12 is ideally suited for
those applications which require the ultimate in AC performance.
290ps Propagation Delay
Dual Outputs for 25Ω Drive Applications
75kΩ Internal Input Pulldown Resistors
>1000V ESD Protection
1
2
3
4
5
6
7
8
D0
VEE
VCC
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
Qa
Qb
D1
Qa
Qb
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current 10EL
100EL
14
14
17
17
14
14
17
17
14
14
17
17
14
16
17
20
mA
VEE
Power Supply Voltage 10EL
100EL
–4.94
–4.20
–5.2
–4.5
–5.5
–5.5
–4.94
–4.20
–5.2
–4.5
–5.5
–5.5
–4.94
–4.20
–5.2
–4.5
–5.5
–5.5
–4.94
–4.20
–5.2
–4.5
–5.5
–5.5
V
IIH
Input HIGH Current
150
150
150
150
µA
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
tPLH
tPHL
Propagation Delay to
Output
120
280
500
170
280
450
180
290
450
210
320
480
ps
tr
tf
Output Rise/Fall Times Q
(20% – 80%)
150
350
550
150
350
550
150
350
550
150
350
550
ps
MC10EL12
MC100EL12
PIN
FUNCTION
D0, D1
Data Inputs
Qa, Qb
Data Outputs
PIN DESCRIPTION
1
8
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751-05


Podobny numer części - MC100EL12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EL12 ONSEMI-MC100EL12 Datasheet
143Kb / 8P
   5.0 V ECL Low Impedance Driver
December, 2006 ??Rev. 6
MC100EL12D ONSEMI-MC100EL12D Datasheet
143Kb / 8P
   5.0 V ECL Low Impedance Driver
December, 2006 ??Rev. 6
MC100EL12D ONSEMI-MC100EL12D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EL12DG ONSEMI-MC100EL12DG Datasheet
143Kb / 8P
   5.0 V ECL Low Impedance Driver
December, 2006 ??Rev. 6
MC100EL12DR2 ONSEMI-MC100EL12DR2 Datasheet
143Kb / 8P
   5.0 V ECL Low Impedance Driver
December, 2006 ??Rev. 6
More results

Podobny opis - MC100EL12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
SY10EL12 MICREL-SY10EL12_06 Datasheet
49Kb / 4P
   LOW-IMPEDANCE DRIVER
logo
ON Semiconductor
MC100LVEL12 ONSEMI-MC100LVEL12 Datasheet
52Kb / 2P
   Low Impedance Driver
1997 REV 0
logo
Semtech Corporation
SK10EL12WD SEMTECH-SK10EL12WD Datasheet
119Kb / 5P
   Low Impedance Driver
logo
Micrel Semiconductor
SY10EL12 MICREL-SY10EL12 Datasheet
47Kb / 4P
   LOW-IMPEDANCE DRIVER
logo
ON Semiconductor
MC100LVEL12 ONSEMI-MC100LVEL12_06 Datasheet
135Kb / 7P
   3.3V ECL Low Impedance Driver
December, 2006 ??Rev. 3
MC10EL12 ONSEMI-MC10EL12_06 Datasheet
143Kb / 8P
   5.0 V ECL Low Impedance Driver
December, 2006 ??Rev. 6
logo
United Chemi-Con, Inc.
EKZE350ELL221MJC5S CHEMI-CON-EKZE350ELL221MJC5S Datasheet
70Kb / 3P
   Low impedance, 105C
ELXV630E CHEMI-CON-ELXV630E Datasheet
438Kb / 3P
   Low impedance, 105?
EMVY500ADA CHEMI-CON-EMVY500ADA Datasheet
410Kb / 2P
   Low impedance, 105?
EMZA250ADA CHEMI-CON-EMZA250ADA Datasheet
424Kb / 2P
   Low impedance, 105?
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com