Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EL16DR2 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10EL16DR2
Szczegółowy opis  Differential Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL16DR2 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10EL16DR2 Datasheet HTML 1Page - ON Semiconductor MC10EL16DR2 Datasheet HTML 2Page - ON Semiconductor MC10EL16DR2 Datasheet HTML 3Page - ON Semiconductor MC10EL16DR2 Datasheet HTML 4Page - ON Semiconductor MC10EL16DR2 Datasheet HTML 5Page - ON Semiconductor MC10EL16DR2 Datasheet HTML 6Page - ON Semiconductor MC10EL16DR2 Datasheet HTML 7Page - ON Semiconductor MC10EL16DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2003
November, 2003 − Rev. 5
1
Publication Order Number:
MC10EL16/D
MC10EL16, MC100EL16
5VECL Differential
Receiver
The MC10EL/100EL16 is a differential receiver. The device is
functionally equivalent to the E116 device with higher performance
capabilities. With output transition times significantly faster than the E116,
the EL16 is ideally suited for interfacing with high frequency sources.
The VBB pin, an internally generated voltage supply, is available to this
device only. For single-ended input conditions, the unused differential
input is connected to VBB as a switching reference voltage. VBB may also
rebias AC coupled inputs. When used, decouple VBB and VCC via a 0.01
mF capacitor and limit current sourcing or sinking to 0.5 mA. When not
used, VBB should be left open.
Under open input conditions (pulled to VEE) internal input clamps will
force the Q output LOW.
The 100 Series contains temperature compensation.
190 ps Propagation Delay
PECL Mode Operating Range: V
CC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range: V
CC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors
1
2
3
45
6
7
8
Q
VEE
VCC
Figure 1. Logic Diagram and Pinout Assignment
D
Q
D
VBB
NC
PIN
FUNCTION
D, D
ECL Data Inputs
Q, Q
ECL Data Outputs
VBB
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
NC
No Connect
PIN DESCRIPTION
Device
Package
Shipping†
ORDERING INFORMATION
MC10EL16D
SO−8
98 Units/Rail
MC10EL16DR2
SO−8
2500 Tape & Reel
MC100EL16D
SO−8
98 Units/Rail
MC100EL16DR2
SO−8
2500 Tape & Reel
MC10EL16DT
TSSOP−8
98 Units/Rail
MC10EL16DTR2
TSSOP−8
2500 Tape & Reel
MC100EL16DT
TSSOP−8
98 Units/Rail
MC100EL16DTR2
TSSOP−8
2500 Tape & Reel
L = Wafer Lot
Y = Year
W = Work Week
*For additional marking information, refer to
Application Note AND8002/D.
H = MC10
K = MC100
A = Assembly Location
SO−8
D SUFFIX
CASE 751
MARKING
DIAGRAMS*
1
8
ALYW
KEL16
1
8
ALYW
HL16
1
8
TSSOP−8
DT SUFFIX
CASE 948R
HEL16
1
8
1
8
ALYW
ALYW
KL16
1
8
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Podobny numer części - MC10EL16DR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EL16DR2 ONSEMI-MC10EL16DR2 Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC10EL16DR2G ONSEMI-MC10EL16DR2G Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC10EL16DR2G ONSEMI-MC10EL16DR2G Datasheet
169Kb / 8P
   5.0 V ECL Differential Receiver
July, 2016 ??Rev. 9
More results

Podobny opis - MC10EL16DR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16 Datasheet
58Kb / 3P
   Differential Receiver
1996 REV 0
MC10EP16 ONSEMI-MC10EP16 Datasheet
87Kb / 8P
   Differential Receiver
Sep, 1999 ??Rev. 1.0
logo
SEMTECH ELECTRONICS LTD...
100EL16TA-TD SEMTECH_ELEC-100EL16TA-TD Datasheet
202Kb / 10P
   Differential Receiver
logo
Elantec Semiconductor
EL2142C ELANTEC-EL2142C Datasheet
163Kb / 8P
   Differential Line Receiver
logo
Arizona Microtek, Inc
AZ100EP16 AZM-AZ100EP16_12 Datasheet
421Kb / 7P
   LVPECL Differential Receiver
logo
Micrel Semiconductor
SY10EL16VA MICREL-SY10EL16VA Datasheet
158Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
logo
Integral Corp.
IL34C86 INTEGRAL-IL34C86 Datasheet
129Kb / 5P
   Differential line receiver.
logo
Intersil Corporation
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
EL2142 INTERSIL-EL2142 Datasheet
274Kb / 6P
   Differential Line Receiver
logo
Micrel Semiconductor
SY10EL16VA-VF MICREL-SY10EL16VA-VF Datasheet
147Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com