Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A3157YEPR Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części TS5A3157YEPR
Szczegółowy opis  10-ohm SPDT ANALOG SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5A3157YEPR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TS5A3157YEPR Datasheet HTML 6Page - Texas Instruments TS5A3157YEPR Datasheet HTML 7Page - Texas Instruments TS5A3157YEPR Datasheet HTML 8Page - Texas Instruments TS5A3157YEPR Datasheet HTML 9Page - Texas Instruments TS5A3157YEPR Datasheet HTML 10Page - Texas Instruments TS5A3157YEPR Datasheet HTML 11Page - Texas Instruments TS5A3157YEPR Datasheet HTML 12Page - Texas Instruments TS5A3157YEPR Datasheet HTML 13Page - Texas Instruments TS5A3157YEPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
Electrical Characteristics for 1.8-V Supply
(1)(Continued)
TS5A3157
10-
Ω SPDT ANALOG SWITCH
SCDS199 – JUNE 2005
V
+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25
°C
1.8 V
5
15
23
VCOM = 1.3 V,
CL = 35 pF,
Turn-on time
tON
ns
1.65 V to
RL = 300 Ω,
See Figure 17
Full
7
24
1.95 V
25
°C
1.8 V
1
3.5
6.5
VCOM = 1.3 V,
CL = 35 pF,
Turn-off time
tOFF
ns
1.65 V to
RL = 300 Ω,
See Figure 17
Full
1
7.5
1.95 V
25
°C
1.8 V
5.5
7.5
9
Break-before-
VNC = VNO = V+/2,
CL = 35 pF,
tBBM
ns
1.65 V to
make time
RL = 50 Ω,
See Figure 18
Full
5.2
12
1.95 V
VGEN = 0,
CL = 0.1 nF,
Charge injection
QC
25
°C
1.8 V
1
pC
RGEN = 0,
See Figure 22
NO, NC
CNO(OFF),
VNO or VNc = V+ or GND,
See Figure 16
25
°C
1.8 V
5.5
pF
OFF capacitance
CNC(OFF)
Switch OFF,
NO, NC
CNO(ON),
VNO or VNc = V+ or GND,
See Figure 16
25
°C
1.8 V
17.5
pF
ON capacitance
CNC(ON)
Switch OFF,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 16
25
°C
1.8 V
17.5
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 16
25
°C
1.8 V
2.8
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 19
25
°C
1.8 V
300
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25
°C
1.8 V
–65
dB
f = 10 MHz,
See Figure 20
RL = 50 Ω,
Switch OFF,
Crosstalk
XTALK
25
°C
1.8 V
–66
dB
f = 10 MHz,
See Figure 21
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25
°C
1.8 V
0.015
%
distortion
CL = 50 pF,
See Figure 23
Supply
25
°C
2.5
5
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
1.95 V
µA
current
Full
10
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
10


Podobny numer części - TS5A3157YEPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3157YZPR TI-TS5A3157YZPR Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3157YZPR TI1-TS5A3157YZPR Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
TS5A3157YZPR TI1-TS5A3157YZPR Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
More results

Podobny opis - TS5A3157YEPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
TS5A63157 TI-TS5A63157 Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
TS5A2053 TI-TS5A2053 Datasheet
310Kb / 23P
[Old version datasheet]   SINGLE-CHANNEL 10-OHM SPDT ANALOG SWITCH WITH ENABLE
logo
Integrated Device Techn...
IDTAS4684 IDT-IDTAS4684_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
Integrated Device Techn...
IDTAS4684A IDT-IDTAS4684A_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684 IDT-IDTAS4684 Datasheet
298Kb / 14P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com