Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100ELT28 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC100ELT28
Szczegółowy opis  TTL to Differential PECL/Differential PECL to TTL Translator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100ELT28 Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC100ELT28 Datasheet HTML 1Page - ON Semiconductor MC100ELT28 Datasheet HTML 2Page - ON Semiconductor MC100ELT28 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MC10ELT28 MC100ELT28
3–3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
OUTLINE DIMENSIONS
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751–05
ISSUE P
SEATING
PLANE
1
4
5
8
A
0.25 (0.010) M T B S
S
8X
D
M
J
_
–A–
–B–
–T–
DIM
MIN
MAX
MILLIMETERS
A
4.80
5.00
B
3.80
4.00
C
1.35
1.75
D
0.35
0.49
F
0.40
1.25
G
1.27 BSC
J
0.18
0.25
K
0.10
0.25
M
0
7
P
5.80
6.20
R
0.25
0.50
_
_
G
NOTES:
1. DIMENSIONS A AND B ARE DATUMS AND T IS A
DATUM SURFACE.
2. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
3. DIMENSIONS ARE IN MILLIMETER.
4. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
5. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
6. DIMENSION D DOES NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE D DIMENSION AT MAXIMUM MATERIAL
CONDITION.
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
How to reach us:
USA/EUROPE/Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, 6F Seibu–Butsuryu–Center,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447 or 602–303–5454
3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–81–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
MC10ELT28/D
*MC10ELT28/D*


Podobny numer części - MC100ELT28

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100ELT28 ONSEMI-MC100ELT28 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC100ELT28D ONSEMI-MC100ELT28D Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC100ELT28D ONSEMI-MC100ELT28D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100ELT28DG ONSEMI-MC100ELT28DG Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC100ELT28DG ONSEMI-MC100ELT28DG Datasheet
88Kb / 8P
   TTL to Differential PECL and Differential PECL
August, 2015 ??Rev. 11
More results

Podobny opis - MC100ELT28

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
SY10ELT28 MICREL-SY10ELT28 Datasheet
90Kb / 7P
   5V TTL-TO-DIFFERENTIAL PECL AND DIFFERENTIAL PECL-TO-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com