Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NBN15-30GM40-Z0 Arkusz danych(PDF) 1 Page - Pepperl+Fuchs Inc.

Numer części NBN15-30GM40-Z0
Szczegółowy opis  Inductive sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PF [Pepperl+Fuchs Inc.]
Strona internetowa  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

NBN15-30GM40-Z0 Arkusz danych(HTML) 1 Page - Pepperl+Fuchs Inc.

  NBN15-30GM40-Z0 Datasheet HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Inductive sensor
NBN15-30GM40-Z0
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
S
Model Number
NBN15-30GM40-Z0
Features
• 15 mm non-flush
•2-wire DC
Accessories
BF 30
Mounting flange, 30 mm
Technical Data
General specifications
Switching function
Normally open (NO)
Output type
Two-wire
Rated operating distance
sn
15 mm
Installation
non-flush
Output polarity
DC
Assured operating distance
sa
0 ... 12.2 mm
Actual operating distance
sr
13.5 ... 16.5 mm typ.
Reduction factor rAl
0.4
Reduction factor rCu
0.35
Reduction factor r304
0.7
Output type
2-wire
Nominal ratings
Operating voltage
UB
5 ... 60 V
Switching frequency
f
0 ... 150 Hz
Hysteresis
H
1 ... 10 typ. 5 %
Reverse polarity protection
reverse polarity tolerant
Short-circuit protection
pulsing
Voltage drop
Ud
≤ 5 V
Operating current
IL
2 ... 100 mA
Lowest operating current
Im
2 mA
Off-state current
Ir
0 ... 0.5 mA typ.
Switching state indicator
all direction LED, yellow
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Mechanical specifications
Connection type
cable PVC , 2 m
Core cross-section
0.34 mm2
Housing material
brass, nickel-plated
Sensing face
PBT
Degree of protection
IP67
Cable
Cable diameter
4.8 mm ± 0.2 mm
Bending radius
> 10 x cable diameter
Compliance with standards and
directives
Standard conformity
Standards
EN 60947-5-2:2007
EN 60947-5-2/A1:2012
IEC 60947-5-2:2007
IEC 60947-5-2 AMD 1:2012
Approvals and certificates
UL approval
cULus Listed, General Purpose
CSA approval
cCSAus Listed, General Purpose
CCC approval
Certified by China Compulsory Certification (CCC)
Dimensions
Electrical Connection
M30x1,5
LED
36
BN
L+
L-
BU


Podobny numer części - NBN15-30GM40-Z0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pepperl+Fuchs Inc.
NBN15-30GM40-Z0-V1 PF-NBN15-30GM40-Z0-V1 Datasheet
705Kb / 3P
   Inductive sensor
2022-05-18
More results

Podobny opis - NBN15-30GM40-Z0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pepperl+Fuchs Inc.
NBB8-18GM50-E2-Y278765 PF-NBB8-18GM50-E2-Y278765 Datasheet
165Kb / 1P
   Inductive sensor
NBN8-12GM50-E2-V1-Y323749 PF-NBN8-12GM50-E2-V1-Y323749 Datasheet
211Kb / 2P
   Inductive sensor
NBN40-U1-E0-M PF-NBN40-U1-E0-M Datasheet
298Kb / 2P
   Inductive sensor
NBN40-U1-E3-M PF-NBN40-U1-E3-M Datasheet
296Kb / 2P
   Inductive sensor
NJ8-18GK-SN-50M PF-NJ8-18GK-SN-50M Datasheet
210Kb / 2P
   Inductive sensor
NBB15-30GM50-E0-M-Y242746 PF-NBB15-30GM50-E0-M-Y242746 Datasheet
260Kb / 2P
   Inductive sensor
NCB2-12GM60-B3-V1 PF-NCB2-12GM60-B3-V1 Datasheet
259Kb / 2P
   Inductive sensor
NCB5-18GM60-B3B-V1 PF-NCB5-18GM60-B3B-V1 Datasheet
292Kb / 3P
   Inductive sensor
NMB6-F104M-E2-FE-200MM-V3 PF-NMB6-F104M-E2-FE-200MM-V3 Datasheet
226Kb / 2P
   Inductive sensor
NJ2-12GM40-E PF-NJ2-12GM40-E Datasheet
134Kb / 1P
   Inductive sensor
NBB2-F29-A2-5M PF-NBB2-F29-A2-5M Datasheet
164Kb / 1P
   Inductive sensor
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com