Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DLPC900 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części DLPC900
Szczegółowy opis  DLPC900 Digital Controller for Advanced Light Control
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Arkusz danych(HTML) 1 Page - Texas Instruments

  DLPC900_V01 Datasheet HTML 1Page - Texas Instruments DLPC900_V01 Datasheet HTML 2Page - Texas Instruments DLPC900_V01 Datasheet HTML 3Page - Texas Instruments DLPC900_V01 Datasheet HTML 4Page - Texas Instruments DLPC900_V01 Datasheet HTML 5Page - Texas Instruments DLPC900_V01 Datasheet HTML 6Page - Texas Instruments DLPC900_V01 Datasheet HTML 7Page - Texas Instruments DLPC900_V01 Datasheet HTML 8Page - Texas Instruments DLPC900_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
OSC
Voltage
Supplies
FAN
PCLK, DE
HSYNC, VSYNC
24-bit RGB Data
I
2C
I
2C
Digital
Video
USB
VRST, VBIAS, VOFF
DMD CTL, Data
Red, Green, Blue
PWM
LED Strobes
DLP6500
Flash
DLPC900
DVI Receiver
(TFP401/
TFP501)
LED
Driver
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DLPC900
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
DLPC900 Digital Controller for Advanced Light Control
1
1 Features
1
One Scalable Controller Supports DLP6500
(1080p) and DLP9000 (WQXGA) Digital
Micromirror Devices (DMDs) for High Resolution
Industrial and Display Applications
Supports Multiple High-Speed Pattern Rates
Up to 9523 Hz (1-Bit Binary Patterns using
Pre-stored or Pattern On-The-Fly Mode)
Up to 1031 Hz (8-Bit Gray Patterns using Pre-
stored or Pattern On-The-Fly Mode),
External Input Up to 360 Hz (8-Bit Gray
Patterns using Video Pattern Mode)
128 Mbit Internal DRAM
48 Mbit External Flash Stores up to 400 1-Bit
Binary or 50 8-Bit Grayscale Patterns (Depending
on Pattern Compression)
1-to-1 Input Mapping to Micromirrors
Supports Multiple Bit Depths and LEDs in Pattern
Modes
Easy Synchronization with Cameras and Sensors
Two Configurable Input Triggers
Two Configurable Output Triggers
Fully Programmable GPIO and PWM Signals
Multiple Control Interfaces
One USB 1.1 Slave Port and Three I2C Ports
LED Enable and PWM Generators
Video Mode
24-Bit RGB Rates Up to 120 Hz
YUV, YCrCb, or RGB Data Format
Two 24-Bit Input Pixel Ports
Standard Video From SVGA to 1080p
WQXGA (DLP9000) Requires two DLPC900
controllers
Integrated Clock and Micromirror Drivers
2 Applications
Industrial
3D Machine Vision and Automatic Optical
Inspection
3D Printing and Additive Manufacturing
Direct Imaging Lithography
Laser Marking and Repair
Medical
Ophthalmology
3D Scanners for Limb and Skin Measurement
Hyper-Spectral Scanning
Displays
Intelligent and Adaptive Lighting
3D Imaging Microscopes
Heads Up Display
3 Description
The DLPC900 is a single scalable DMD controller
that
supports
reliable
operation
of
three
high
resolution DMD chips: DLP6500FLQ, DLP6500FYE,
and
DLP9000FLS.
This
high-performance
DMD
controller enables programmable, high-speed pattern
rates
for
advanced
light
control,
especially
in
industrial,
medical,
and
scientific
applications.
DLPC900 pattern rates enable fast and accurate 3D
scanning and 3D printing, as well as support high
resolution
and
intelligent
imaging
applications.
DLPC900 offers 128 Mbit of embedded DRAM for
convenient buffering of up to 400 1-bit patterns. Input
and
output
triggers
offer
easy
connection
and
synchronization with a variety of cameras, sensors,
and
other
peripherals.
Numerous
ports
and
connectivity
options
offer
system
flexibility
and
simplify
chip
integration
into
a
variety
of
end
equipment.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLPC900ZPC
BGA (516)
27.00 mm × 27.00 mm
(1) For all available packages, refer to the orderable addendum
at the end of the data sheet.
Simplified Diagram


Podobny numer części - DLPC900_V01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DLPC900ZPC TI1-DLPC900ZPC Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
More results

Podobny opis - DLPC900_V01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DLPC150 TI1-DLPC150 Datasheet
1Mb / 55P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC900 TI1-DLPC900 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
[Old version datasheet]   Digital Controller for Portable Advanced Light Control
logo
Omron Electronics LLC
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
   Advanced light control and diagnostics using
logo
ams AG
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
   The device features advanced digital Ambient Light Sensing
logo
Semtech Corporation
SC1544 SEMTECH-SC1544 Datasheet
259Kb / 15P
   ACPI Controller for Advanced Motherboards
logo
Analog Devices
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com