Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KMNMD-24MNMD Arkusz danych(PDF) 1 Page - Mini-Circuits

Numer części KMNMD-24MNMD
Szczegółowy opis  Adapter 2.92mm NMD-M to 2.4mm-NMD-M
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KMNMD-24MNMD Arkusz danych(HTML) 1 Page - Mini-Circuits

  KMNMD-24MNMD Datasheet HTML 1Page - Mini-Circuits KMNMD-24MNMD Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
KMNMD-24MNMD+
The Big Deal
• Ultra-wideband, DC-40 GHz
• Flat response
• Low insertion loss, 0.06 dB typ.
• Excellent VSWR, 1.06:1 typ.
Product Overview
Mini-Circuits’ KMNMD-24MNMD+ is a coaxial 2.92mm NMD-M to 2.4mm-M adapter supporting a wide
range of applications from DC to 40 GHz. This model provides excellent VSWR, low insertion loss, and
flat response versus frequency. The KMNMD-24MNMD+ features passivated stainless steel construction and
measures only 0.886” (l).
Key Features
Feature
Advantages
Wideband, DC to 40 GHz
Wide frequency range provides application flexibility and makes this model ideal for broad-
band and multi-band use.
Excellent VSWR, 1.06:1 typ.
Provides good matching for 50Ω systems and minimizes signal reflections across wide
frequency range.
Low insertion loss, 0.06 dB typ.
Provides excellent signal power transmission from input to output.
Passivated stainless steel construc-
tion.
Stands up to wear and tear in demanding environments and provides excellent reliability.
Very wide operating temperature
range, -55 to +100˚C
Withstands extreme operating conditions and is suitable for use near high power componen-
try where heat rise is common.
50Ω
DC to 40 GHz
Coaxial
Adapter 2.92mmNMD-Mto2.4mm-NMD-M
CASE STYLE: DJ2931-3


Podobny opis - KMNMD-24MNMD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
KFNMD-KMNMD MINI-KFNMD-KMNMD Datasheet
189Kb / 2P
   Adapter 2.92mm NMD-M to 2.92mm-NMD-F
KFNMD-KM MINI-KFNMD-KM Datasheet
259Kb / 2P
   Adapter 2.92mm NMD-F to 2.92mm-M
REV. OR
logo
Pasternack Enterprises,...
PE91144 PASTERNACK-PE91144 Datasheet
361Kb / 3P
   Ruggedized 2.92mm NMD Female to 2.4mm Female Adapter
PE91145 PASTERNACK-PE91145 Datasheet
359Kb / 3P
   Ruggedized 2.4mm NMD Female to 2.4mm Female Adapter
PE91148 PASTERNACK-PE91148 Datasheet
361Kb / 3P
   Ruggedized 3.5mm NMD Female to 2.4mm Female Adapter
PE91146 PASTERNACK-PE91146 Datasheet
345Kb / 3P
   Ruggedized 2.4mm NMD Female to SMA Female Adapter
PE91147 PASTERNACK-PE91147 Datasheet
346Kb / 3P
   Ruggedized 3.5mm NMD Female to SMA Female Adapter
logo
Winchester Electronics ...
TRU-11233-RA WINCHESTER-TRU-11233-RA Datasheet
29Kb / 1P
   2.92mm(m) to 2.92mm(m) R/A ADAPTER
TRU-11233 WINCHESTER-TRU-11233 Datasheet
67Kb / 1P
   CONNECTOR,COAXIAL 2.92MM(M) TO 2.92MM(M) ADAPTER
TRU-11223-RA WINCHESTER-TRU-11223-RA Datasheet
31Kb / 1P
   2.92mm(f) to 2.92mm(m) R/A ADAPTER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com