Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M3SWA-2-50DRB Arkusz danych(PDF) 2 Page - Mini-Circuits

Numer części M3SWA-2-50DRB
Szczegółowy opis  SPDT RF Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

M3SWA-2-50DRB Arkusz danych(HTML) 2 Page - Mini-Circuits

  M3SWA-2-50DRB Datasheet HTML 1Page - Mini-Circuits M3SWA-2-50DRB Datasheet HTML 2Page - Mini-Circuits M3SWA-2-50DRB Datasheet HTML 3Page - Mini-Circuits M3SWA-2-50DRB Datasheet HTML 4Page - Mini-Circuits M3SWA-2-50DRB Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPDT RF Switch
Page 2 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Product Features
• High Isolation, 56 dB typ.
• Low insertion loss, 0.6 dB typ.
• Fast Rise/Fall time, 3.3 ns / 4.6 ns typ.
• High Input IP3, +46.5 dBm typ.
• Replaces M3SWA-2-50DR+
Typical Applications
• Defense
• Communication Infrastructure
• Test and Measurements
General Description
M3SWA-2-50DRB+ is a high isolation fast switching absorptive GaAs PHEMT SPDT switch with an internal
driver. It operates at +5V & -5V power supplies and has a single TLL compatible control port. It has been
designed for wideband operation and packaged in a tiny 3.25mm x 3.25mm, 8-lead package.
M3SWA-2-50DRB+
REV. OR
M174743
M3SWA-2-50DRB+
GY/RS/CP
190729
50Ω
DC - 4500 MHz
Simplified Schematic and Pad Description
Absorptive RF Switch with internal driver
Function
Pad
Number
Description
RF-IN
6
RF Common/ SUM port
RF-OUT1
1
RF Output port #1
RF-OUT2
4
RF Output port #2
TTL IN
2
TTL Compatible Control Voltage Input
TTL GND
3
TTL Ground
V
DD(+5V)
5
Positive Supply Voltage V
DD
V
EE(-5V)
7
Negative Supply Voltage V
EE
GND
8, paddle
Ground
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Fast Switching
CASE STYLE: DL805
Generic photo used for illustration purposes only


Podobny numer części - M3SWA-2-50DRB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
M3SWA-2-50DR MINI-M3SWA-2-50DR Datasheet
128Kb / 1P
   High Isolation Switches SPDT, DC to 4.5 GHz
M3SWA-2-50DRA MINI-M3SWA-2-50DRA Datasheet
276Kb / 4P
   SPDT RF Switch
M3SWA-2-50DRA++ MINI-M3SWA-2-50DRA+ Datasheet
276Kb / 4P
   SPDT RF Switch
More results

Podobny opis - M3SWA-2-50DRB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Spectrum Microwave, Inc...
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
   SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
   SPDT RF SWITCH
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
   SPDT RF Switch
MSW2-50 MINI-MSW2-50 Datasheet
280Kb / 6P
   SPDT RF Switch
ZSW2-272VHDR MINI-ZSW2-272VHDR Datasheet
542Kb / 6P
   SPDT RF Switch
ZASW-2-50DRA MINI-ZASW-2-50DRA Datasheet
323Kb / 5P
   SPDT RF Switch
HSWA2-30DR++ MINI-HSWA2-30DR+ Datasheet
607Kb / 11P
   SPDT RF SWITCH
logo
Spectrum Microwave, Inc...
TWD2207 SPECTRUM-TWD2207 Datasheet
51Kb / 1P
   SPDT RF SWITCH
TWD5001 SPECTRUM-TWD5001 Datasheet
56Kb / 1P
   SPDT RF SWITCH
TWD5015 SPECTRUM-TWD5015 Datasheet
56Kb / 1P
   SPDT RF SWITCH
TWH7230 SPECTRUM-TWH7230 Datasheet
39Kb / 1P
   SPDT RF SWITCH
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com