Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP56DT Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC10EP56DT
Szczegółowy opis  Dual Differential 2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP56DT Arkusz danych(HTML) 7 Page - ON Semiconductor

  MC10EP56DT Datasheet HTML 1Page - ON Semiconductor MC10EP56DT Datasheet HTML 2Page - ON Semiconductor MC10EP56DT Datasheet HTML 3Page - ON Semiconductor MC10EP56DT Datasheet HTML 4Page - ON Semiconductor MC10EP56DT Datasheet HTML 5Page - ON Semiconductor MC10EP56DT Datasheet HTML 6Page - ON Semiconductor MC10EP56DT Datasheet HTML 7Page - ON Semiconductor MC10EP56DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC10EP56, MC100EP56
http://onsemi.com
7
Figure 2. Fmax/Jitter @ 255C
FREQUENCY (GHz)
1
2
3
4
5
6
7
8
(JITTER)
9
3.3 V
10
800
1000
600
400
200
1.0
1.5
2.0
2.5
3.0
0
5 V
V TT = V CC − 2.0 V
W
Driver
Device
Receiver
Device
QD
50
W
50
V TT
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020 − Termination of ECL Logic Devices.)
Q
D
Resource Reference of Application Notes
AN1404
ECLinPS Circuit Performance at Non−Standard VIH Levels
AN1405
ECL Clock Distribution Techniques
AN1406
Designing with PECL (ECL at +5.0 V)
AN1504
Metastability and the ECLinPS Family
AN1568
Interfacing Between LVDS and ECL
AN1650
Using Wire−OR Ties in ECLinPS Designs
AN1672
The ECL Translator Guide
AND8001
Odd Number Counters Design
AND8002
Marking and Date Codes
AND8009
ECLinPS Plus Spice I/O Model Kit
AND8020
Termination of ECL Logic Devices
For an updated list of Application Notes, please see our website at http://onsemi.com.


Podobny numer części - MC10EP56DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP56DT ONSEMI-MC10EP56DT Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC10EP56DT ONSEMI-MC10EP56DT Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
MC10EP56DTG ONSEMI-MC10EP56DTG Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
MC10EP56DTG ONSEMI-MC10EP56DTG Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
MC10EP56DTR2 ONSEMI-MC10EP56DTR2 Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
More results

Podobny opis - MC10EP56DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56 Datasheet
113Kb / 4P
   Dual Differential 2:1 Multiplexer
1996 REV 1
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Renesas Technology Corp
ICS854S54I-01 RENESAS-ICS854S54I-01 Datasheet
419Kb / 18P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
July 17, 2017
logo
Integrated Device Techn...
ICS854S54I-01 IDT-ICS854S54I-01 Datasheet
229Kb / 17P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
ICS854S54I-02 RENESAS-ICS854S54I-02 Datasheet
964Kb / 17P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
JULY30, 2010
logo
Integrated Device Techn...
ICS854S54I-02 IDT-ICS854S54I-02 Datasheet
769Kb / 16P
   Dual 2:1, 1:2 Differential-to-LVDS Multiplexer
logo
ON Semiconductor
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V Datasheet
55Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
   ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V_06 Datasheet
50Kb / 5P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com