Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LW3333 Arkusz danych(PDF) 5 Page - OSRAM GmbH

Numer części LW3333
Szczegółowy opis  Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW3333 Arkusz danych(HTML) 5 Page - OSRAM GmbH

  LW3333 Datasheet HTML 1Page - OSRAM GmbH LW3333 Datasheet HTML 2Page - OSRAM GmbH LW3333 Datasheet HTML 3Page - OSRAM GmbH LW3333 Datasheet HTML 4Page - OSRAM GmbH LW3333 Datasheet HTML 5Page - OSRAM GmbH LW3333 Datasheet HTML 6Page - OSRAM GmbH LW3333 Datasheet HTML 7Page - OSRAM GmbH LW3333 Datasheet HTML 8Page - OSRAM GmbH LW3333 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LW 3333
2001-10-02
5
1) Farbortgruppen
Chromaticity coordinate groups
OHA01327
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
510
500
490
480
470
450
460
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.42
+
+
group 3
group 4
group 5
E
Cy
0.41
Cx
Cy
Cx


Podobny numer części - LW3333

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
LW330A SEOUL-LW330A Datasheet
508Kb / 11P
   WHITE LAMP LED
LW330A SEOUL-LW330A Datasheet
393Kb / 14P
   Lamp LEDs
LW330A SEOUL-LW330A_1 Datasheet
393Kb / 14P
   Lamp LEDs
LW330Z SEOUL-LW330Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LW331 SEOUL-LW331 Datasheet
392Kb / 14P
   BLUE OVAL LAMP LED
More results

Podobny opis - LW3333

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
LS3336 SIEMENS-LS3336 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
   Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
logo
OSRAM GmbH
LB5433 OSRAM-LB5433 Datasheet
121Kb / 11P
   Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LH3364 SIEMENS-LH3364 Datasheet
280Kb / 7P
   3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH5424 SIEMENS-LH5424 Datasheet
284Kb / 7P
   5 mm T1 3/4 LED, Non Diffused Super-Bright, Hyper-Red GaAIAs-LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com