Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP89 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10EP89
Szczegółowy opis  Coaxial Cable Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP89 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10EP89 Datasheet HTML 1Page - ON Semiconductor MC10EP89 Datasheet HTML 2Page - ON Semiconductor MC10EP89 Datasheet HTML 3Page - ON Semiconductor MC10EP89 Datasheet HTML 4Page - ON Semiconductor MC10EP89 Datasheet HTML 5Page - ON Semiconductor MC10EP89 Datasheet HTML 6Page - ON Semiconductor MC10EP89 Datasheet HTML 7Page - ON Semiconductor MC10EP89 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 1
1
Publication Order Number:
MC10EP89/D
MC10EP89
Coaxial Cable Driver
The MC10EP89 is a differential fanout gate specifically designed to
drive coaxial cables. The device is especially useful in digital video
broadcasting applications; for this application, since the system is
polarity free, each output can be used as an independent driver. The
driver produces swings 70% larger than a standard ECL output. When
driving a coaxial cable, proper termination is required at both ends of
the line to minimize signal loss. The 1.6 (5V) and 1.4V (3.3V) swing
allow for termination at both ends of the cable, while maintaining a
800mV (5V) and 700mV (3.3V) swing at the receiving end of the
cable. Because of the larger output swings, the device cannot be
terminated into the standard VCC–2.0V. All of the DC parameters are
tested with a 50
Ω to VCC–3.0V load. The driver accepts a standard
differential ECL input and can run off of the digital video broadcast
standard –5.0V supply.
310ps Typical Propagation Delay
3.0 GHz Typical Toggle Frequency
1.6V (5V) and 1.4V (3.3V) Swing
PECL mode: 3.0V to 5.5V VCC with VEE = 0V
ECL mode: 0V VCC with VEE = –3.0V to –5.5V
Internal Input Resistors: Pulldown on D, Pulldown and Pullup on D
Q Output will default LOW with inputs open or at VEE
ESD Protection: >4KV HBM, >200V MM
New Differential Input Common Mode Range
Moisture Sensitivity Level 1, Indefinite Time Out of Drypack
Flammability Rating: UL–94 code V–0 @ 1/8”,
Oxygen Index 28 to 34
Transistor Count = 152 devices
1
2
3
45
6
7
8
D
VEE
VCC
Figure 1. 8–Lead Pinout (Top View) and Logic Diagram
Q0
D
Q1
Q0
Q1
PIN DESCRIPTION
PIN
D, D
Q0, Q1, Q0, Q1
ECL Data Outputs
FUNCTION
ECL Data Inputs
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10EP89D
SOIC
98 Units/Rail
MC10EP89DR2
SOIC
2500 Tape & Reel
VCC
VEE
Negative, 0 Supply
Positive Supply
ALYW
SO–8
D SUFFIX
CASE 751
MARKING DIAGRAM
HEP89
1
8
1
8
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
*For additional information, see Application Note
AND8002/D


Podobny numer części - MC10EP89

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
MC10EP89 ONSEMI-MC10EP89 Datasheet
120Kb / 11P
   ECL Coaxial Cable Driver
February, 2008 - Rev. 7
MC10EP89D ONSEMI-MC10EP89D Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
MC10EP89D ONSEMI-MC10EP89D Datasheet
120Kb / 11P
   ECL Coaxial Cable Driver
February, 2008 - Rev. 7
MC10EP89DG ONSEMI-MC10EP89DG Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
More results

Podobny opis - MC10EP89

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
SY10EL89 MICREL-SY10EL89_03 Datasheet
60Kb / 4P
   COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89_09 Datasheet
120Kb / 11P
   ECL Coaxial Cable Driver
February, 2008 - Rev. 7
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89_12 Datasheet
437Kb / 6P
   PECL/ECL Coaxial Cable Driver
logo
List of Unclassifed Man...
AZ10EL89 ETC1-AZ10EL89 Datasheet
134Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89 Datasheet
115Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
Micrel Semiconductor
SY10EP89V MICREL-SY10EP89V Datasheet
86Kb / 7P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com