Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP58DR2 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC10EP58DR2
Szczegółowy opis  2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP58DR2 Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC10EP58DR2 Datasheet HTML 1Page - ON Semiconductor MC10EP58DR2 Datasheet HTML 2Page - ON Semiconductor MC10EP58DR2 Datasheet HTML 3Page - ON Semiconductor MC10EP58DR2 Datasheet HTML 4Page - ON Semiconductor MC10EP58DR2 Datasheet HTML 5Page - ON Semiconductor MC10EP58DR2 Datasheet HTML 6Page - ON Semiconductor MC10EP58DR2 Datasheet HTML 7Page - ON Semiconductor MC10EP58DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10EP58
http://onsemi.com
5
PACKAGE DIMENSIONS
SO–8
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751–06
ISSUE T
SEATING
PLANE
1
4
5
8
A
0.25 M CB SS
0.25 M
B M
h
q
C
X 45
_
L
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.19
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
0
7
L
0.40
1.25
q
0.25
0.50
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETER.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D
E
H
A
B
e
B
A1
C
A
0.10


Podobny numer części - MC10EP58DR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP58DR2 ONSEMI-MC10EP58DR2 Datasheet
69Kb / 8P
   3.3V / 5V ECL 2:1 Multiplexer
June, 2001 ??Rev. 4
MC10EP58DR2 ONSEMI-MC10EP58DR2 Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC10EP58DR2G ONSEMI-MC10EP58DR2G Datasheet
157Kb / 11P
   3.3V / 5V ECL 2:1 Multiplexer
December, 2006 ??Rev. 6
MC10EP58DR2G ONSEMI-MC10EP58DR2G Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
More results

Podobny opis - MC10EP58DR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
66Kb / 4P
   2:1 Multiplexer
February, 2000 ??Rev. 1
MC10EL58 ONSEMI-MC10EL58 Datasheet
72Kb / 2P
   2:1 Multiplexer
1996 REV 2
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58_05 Datasheet
49Kb / 4P
   2:1 MULTIPLEXER
SY10EL58 MICREL-SY10EL58 Datasheet
47Kb / 4P
   2:1 MULTIPLEXER
logo
ON Semiconductor
NLASB3157 ONSEMI-NLASB3157 Datasheet
70Kb / 10P
   2:1 Multiplexer
April, 2004 ??Rev. 6
logo
NXP Semiconductors
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
   DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_16 Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
logo
Motorola, Inc
MC10E157 MOTOROLA-MC10E157 Datasheet
99Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157_06 Datasheet
65Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E157 ONSEMI-MC10E157 Datasheet
99Kb / 4P
   QUAD 2:1 MULTIPLEXER
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com