Zakładka z wyszukiwarką danych komponentów |
|
MC10H109 Arkusz danych(PDF) 3 Page - ON Semiconductor |
|
MC10H109 Arkusz danych(HTML) 3 Page - ON Semiconductor |
3 / 3 page MC10H109 MOTOROLA MECL Data DL122 — Rev 6 2–212 OUTLINE DIMENSIONS P SUFFIX PLASTIC DIP PACKAGE CASE 648–08 ISSUE R NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. –A– B F C S H G D J L M 16 PL SEATING 18 9 16 K PLANE –T– M A M 0.25 (0.010) T DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.740 0.770 18.80 19.55 B 0.250 0.270 6.35 6.85 C 0.145 0.175 3.69 4.44 D 0.015 0.021 0.39 0.53 F 0.040 0.70 1.02 1.77 G 0.100 BSC 2.54 BSC H 0.050 BSC 1.27 BSC J 0.008 0.015 0.21 0.38 K 0.110 0.130 2.80 3.30 L 0.295 0.305 7.50 7.74 M 0 10 0 10 S 0.020 0.040 0.51 1.01 _ _ _ _ L SUFFIX CERAMIC DIP PACKAGE CASE 620–10 ISSUE V NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. –A– –B– –T– F E G N K C SEATING PLANE 16 PL D S A M 0.25 (0.010) T 16 PL J S B M 0.25 (0.010) T M L DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.750 0.785 19.05 19.93 B 0.240 0.295 6.10 7.49 C ––– 0.200 ––– 5.08 D 0.015 0.020 0.39 0.50 E 0.050 BSC 1.27 BSC F 0.055 0.065 1.40 1.65 G 0.100 BSC 2.54 BSC H 0.008 0.015 0.21 0.38 K 0.125 0.170 3.18 4.31 L 0.300 BSC 7.62 BSC M 0 15 0 15 N 0.020 0.040 0.51 1.01 __ __ 16 9 18 Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, 6F Seibu–Butsuryu–Center, P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447 or 602–303–5454 3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–81–3521–8315 MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, INTERNET: http://Design–NET.com 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298 MC10H109/D *MC10H109/D* ◊ |
Podobny numer części - MC10H109 |
|
Podobny opis - MC10H109 |