Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H113 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10H113
Szczegółowy opis  Quad Exclusive OR Gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H113 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10H113 Datasheet HTML 1Page - ON Semiconductor MC10H113 Datasheet HTML 2Page - ON Semiconductor MC10H113 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–213
REV 6
© Motorola, Inc. 1996
9/96
Quad Exclusive OR Gate
The MC10H113 is a Quad Exclusive OR Gate with an enable common to all
four gates. The outputs may be wire–ORed together to perform a 4–bit
comparison function (A = B). The enable is active LOW.
• Propagation Delay, 1.3 ns Typical
• Power Dissipation 175 mW Typ/Pkg (No Load)
• Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
• Voltage Compensated
• MECL 10K–Compatible
MAXIMUM RATINGS
Characteristic
Symbol
Rating
Unit
Power Supply (VCC = 0)
VEE
–8.0 to 0
Vdc
Input Voltage (VCC = 0)
VI
0 to VEE
Vdc
Output Current — Continuous
— Surge
Iout
50
100
mA
Operating Temperature Range
TA
0 to +75
°C
Storage Temperature Range — Plastic
— Ceramic
Tstg
–55 to +150
–55 to +165
°C
°C
ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5%) (See Note)
0
°
25
°
75
°
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
Power Supply Current
IE
46
42
46
mA
Input Current High
Pins 5, 7, 11, 13
Pins 4, 6, 10, 12
Pin 9
IinH
430
510
1100
270
320
740
270
320
740
µA
Input Current Low
IinL
0.5
0.5
0.3
µA
High Output Voltage
VOH
–1.02
–0.84
–0.98
–0.81
–0.92
–0.735
Vdc
Low Output Voltage
VOL
–1.95
–1.63
–1.95
–1.63
–1.95
–1.60
Vdc
High Input Voltage
VIH
–1.17
–0.84
–1.13
–0.81
–1.07
–0.735
Vdc
Low Input Voltage
VIL
–1.95
–1.48
–1.95
–1.48
–1.95
–1.45
Vdc
AC PARAMETERS
Propagation Delay
Data
Enable
tpd
0.4
0.5
1.7
2.3
0.4
0.5
1.8
2.4
0.5
0.6
1.9
2.5
ns
Rise Time
tr
0.5
1.8
0.6
1.9
0.6
2.0
ns
Fall Time
tf
0.5
1.8
0.6
1.9
0.6
2.0
ns
NOTE:
Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table,
after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed
circuit board and transverse air flow greater than 500 Iinear fpm is maintained. Outputs are terminated
through a 50–ohm resistor to –2.0 volts.
L
L
H
E
L
L
L
H
L
X
H
X
OUTPUT
MC10H113
LOGIC DIAGRAM
DIP
PIN ASSIGNMENT
VCC1
AOUT
BOUT
AIN
AIN
BIN
BIN
VEE
VCC2
DOUT
COUT
DIN
DIN
CIN
CIN
ENABLE
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
E
9
TRUTH TABLE
IN
LL
13
12
15
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
11
10
14
7
6
3
5
4
2
LH
HH
HL
L
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).


Podobny numer części - MC10H113

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H113 ONSEMI-MC10H113 Datasheet
151Kb / 6P
   Quad Exclusive OR Gate
February, 2006 ??Rev. 8
MC10H113FN ONSEMI-MC10H113FN Datasheet
151Kb / 6P
   Quad Exclusive OR Gate
February, 2006 ??Rev. 8
MC10H113FNG ONSEMI-MC10H113FNG Datasheet
151Kb / 6P
   Quad Exclusive OR Gate
February, 2006 ??Rev. 8
MC10H113FNR2 ONSEMI-MC10H113FNR2 Datasheet
151Kb / 6P
   Quad Exclusive OR Gate
February, 2006 ??Rev. 8
MC10H113FNR2G ONSEMI-MC10H113FNR2G Datasheet
151Kb / 6P
   Quad Exclusive OR Gate
February, 2006 ??Rev. 8
More results

Podobny opis - MC10H113

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
   QUAD EXCLUSIVE-OR GATE
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
   Quad EXCLUSIVE-OR Gate
logo
STMicroelectronics
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
   QUAD EXCLUSIVE OR GATE
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
   QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
74LVQ86 STMICROELECTRONICS-74LVQ86 Datasheet
57Kb / 8P
   QUAD EXCLUSIVE OR GATE
February 1999
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
   Quad exclusive OR gate
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
   Quad Exclusive OR Gate
logo
Toshiba Semiconductor
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
   QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com