Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H136 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC10H136
Szczegółowy opis  Universal Hexadecimal Counter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H136 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC10H136 Datasheet HTML 1Page - ON Semiconductor MC10H136 Datasheet HTML 2Page - ON Semiconductor MC10H136 Datasheet HTML 3Page - ON Semiconductor MC10H136 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10H136
MOTOROLA
MECL Data
DL122 — Rev 6
2–2
Q2
T
T
T
T
T
T
T
Q3
T
Q3
Q1
Q1
T
T
C
T
C
T
C
Q0
LOGIC DIAGRAM
NOTE: FLIP-FLOPS WILL TOGGLE WHEN ALL T INPUTS ARE LOW.
S1 9
S2 7
Carry In
10
Clock
13
12
D0
14
Q0
11
D1
15
Q1
6
D2
2
Q2
5
D3
3
Q3
4
Carry Out
T
C
Q0
T
Q2
VCC1 = Pin 1
VCC2 = Pin 16
VEE = Pin 8
APPLICATION INFORMATION
The MC10H136 is a high speed synchronous counter
that operates at 250 MHz. Counter operating modes
include count up, count down, pre-set and hold count.
This device allows the designer to use one basic counter
for many applications.
The S1, S2, control lines determine the operating
modes of the counter. In the pre-set mode, a clock pulse
is necessary to load the counter with the information
present on the data inputs (D0, D1, D2, and D3). Carry out
goes low on the terminal count or when the counter is
being pre-set.


Podobny numer części - MC10H136

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136 Datasheet
155Kb / 8P
   Universal Hexadecimal Counter
February, 2006 ??Rev. 8
MC10H136 ONSEMI-MC10H136 Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
MC10H136FN ONSEMI-MC10H136FN Datasheet
155Kb / 8P
   Universal Hexadecimal Counter
February, 2006 ??Rev. 8
MC10H136FNG ONSEMI-MC10H136FNG Datasheet
155Kb / 8P
   Universal Hexadecimal Counter
February, 2006 ??Rev. 8
MC10H136FNG ONSEMI-MC10H136FNG Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
More results

Podobny opis - MC10H136

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136_06 Datasheet
155Kb / 8P
   Universal Hexadecimal Counter
February, 2006 ??Rev. 8
MC10H136 ONSEMI-MC10H136_16 Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
logo
Austin Semiconductor
AS10H536 AUSTIN-AS10H536 Datasheet
120Kb / 5P
   Universal Hexadecimal Counter
logo
ON Semiconductor
MC10136 ONSEMI-MC10136_02 Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
MC10136 ONSEMI-MC10136 Datasheet
150Kb / 8P
   Universal Hexadecimal Counter
1996 REV 5
logo
Motorola, Inc
MC10137 MOTOROLA-MC10137 Datasheet
130Kb / 6P
   Universal Decade Counter
logo
Keysight Technologies
53210A KEYSIGHT-53210A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
53230A KEYSIGHT-53230A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
E1420B KEYSIGHT-E1420B Datasheet
335Kb / 5P
   High-Performance VXI Universal Counter
53220A KEYSIGHT-53220A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com