Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZY97C200GP Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części BZY97C200GP
Szczegółowy opis  1.5 W Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

BZY97C200GP Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  BZY97C200GP Datasheet HTML 1Page - List of Unclassifed Manufacturers BZY97C200GP Datasheet HTML 2Page - List of Unclassifed Manufacturers BZY97C200GP Datasheet HTML 3Page - List of Unclassifed Manufacturers BZY97C200GP Datasheet HTML 4Page - List of Unclassifed Manufacturers BZY97C200GP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
240
200
160
120
80
40
0
0 1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
50mA
BZY10 GP
BZY12 GP
T = 25 °C
j
T = 25 °C
j
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
40
45
50
25 mA
BZY15 GP
BZY18 GP
BZY22 GP
BZY27 GP
BZY33 GP
BZY39 GP
BZY47 GP
10 mA
I = 50 mA
Z
T = 25 °C
j
10 mA
Test Current IZ
20
10
0
0
50
100
150
200
BZY56 GP
BZY68 GP
BZY82 GP
BZY100 GP
BZY120 GP
BZY150 GP
BZY180 GP
BZY200 GP
5mA
BZY97C GP
BREAKDOWN CHARACTERISTICS
Test Current IZ
VZ , zener voltage (V)
VZ , zener voltage (V)
VZ , zener voltage (V)
Oct - 02


Podobny numer części - BZY97C200GP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Galaxy Semi-Conductor H...
BZY97C200 BILIN-BZY97C200 Datasheet
239Kb / 5P
   ZENER DIODES
logo
Shenzhen Taychipst Elec...
BZY97C200 TAYCHIPST-BZY97C200 Datasheet
3Mb / 3P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
BZY97C200 SUNMATE-BZY97C200 Datasheet
141Kb / 2P
   1.5Watts Axial leaded Zener Diodes
BZY97C200 SUNMATE-BZY97C200 Datasheet
601Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
BZY97C200 LUGUANG-BZY97C200 Datasheet
2Mb / 5P
   Zener Diodes
More results

Podobny opis - BZY97C200GP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
logo
Microsemi Corporation
1N6485 MICROSEMI-1N6485 Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
JANS1N6490US MICROSEMI-JANS1N6490US Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
logo
Compensated Deuices Inc...
1N6485 CDI-DIODE-1N6485 Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5913A NJSEMI-1N5913A Datasheet
93Kb / 1P
   1.5 WATTS ZENER DIODES
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
logo
Micro Commercial Compon...
1EZ110D5 MCC-1EZ110D5_16 Datasheet
260Kb / 4P
   1.0 W Silicon Zener Diodes Zener Diodes
logo
New Jersey Semi-Conduct...
1N5913B NJSEMI-1N5913B Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com