Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H602 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC10H602
Szczegółowy opis  9-Bit Latch TTL/ECL Translator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H602 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC10H602 Datasheet HTML 1Page - ON Semiconductor MC10H602 Datasheet HTML 2Page - ON Semiconductor MC10H602 Datasheet HTML 3Page - ON Semiconductor MC10H602 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10H602 MC100H602
MOTOROLA
MECL Data
DL122 — Rev 6
2–308
DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = – 5.2 V ± 5% (10H version); VEE = – 4.2 V to – 5.5 V (100H version)
Sb l
P
0
°C
25
°C
75
°C
Ui
Cdi i
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
Power Supply Current
IEE
ECL
10H
100H
–125
–122
–125
–123
–125
–132
mA
ICCH
ICCL
TTL
48
50
48
50
48
50
mA
AC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = – 5.2 V ± 5% (10H version); VEE = – 4.2 V to – 5.5 V (100H version)
Sb l
P
0
°C
25
°C
75
°C
Ui
Cdi i
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
tPLH
tPHL
Propagation Delay
to Output
D
LEN
MR
ENECL
1.4
2.0
2.0
1.6
3.0
3.4
3.4
3.2
1.5
2.1
2.1
1.7
3.2
3.5
3.5
3.3
1.7
2.4
2.5
1.8
3.5
3.7
3.9
3.7
ns
ts
Set–Up Time, D to LEN
2.0
2.0
2.0
ns
th
Hold Time, D to LEN
1.0
1.0
1.0
ns
tw(L)
LEN Pulse Width, LOW
2.0
2.0
2.0
ns
tR
tF
Output Rise/Fall Time
20% – 80%
0.5
1.5
0.5
1.5
0.5
1.5
ns
10H ECL DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = – 5.2 V ± 5%
Sb l
P
0
°C
25
°C
75
°C
Ui
Cdi i
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
IIH
IIL
Input HIGH Current
Input LOW Current
0.5
225
0.5
145
0.5
145
µA
µA
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
–1170
–1950
– 840
–1480
–1130
–1950
– 810
–1480
–1070
–1950
– 735
–1450
mV
VOH
VOL
Output HIGH Voltage
Output LOW Voltage
–1020
–1950
– 840
–1630
– 980
–1950
– 810
–1630
– 920
–1950
– 735
–1600
mV
50
Ω to –2.0 V
100H ECL DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = – 4.2 V to – 5.5 V
Sb l
P
0
°C
25
°C
75
°C
Ui
Cdi i
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
IIH
IIL
Input HIGH Current
Input LOW Current
0.5
225
0.5
145
0.5
145
µA
µA
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
–1165
–1810
– 880
–1475
–1165
–1810
– 880
–1475
–1165
–1810
– 880
–1475
mV
VOH
VOL
Output HIGH Voltage
Output LOW Voltage
–1025
–1810
– 880
–1620
–1025
–1810
– 880
–1620
–1025
–1810
– 880
–1620
mV
50
Ω to –2.0 V
TTL DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = – 5.2 V ± 5% (10H version); VEE = – 4.2 V to – 5.5 V (100H version)
Sb l
P
0
°C
25
°C
75
°C
Ui
Cdi i
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
2.0
0.8
2.0
0.8
2.0
0.8
V
V
IIH
Input HIGH Current
20
100
20
100
20
100
µA
VIN = 2.7 V
VIN = 7.0 V
IIL
Input LOW Current
– 0.6
– 0.6
– 0.6
mA
VIN = 0.5 V
VIK
Input Clamp Voltage
–1.2
–1.2
–1.2
V
IIN = –18 mA


Podobny numer części - MC10H602

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H602 ONSEMI-MC10H602 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H602FN ONSEMI-MC10H602FN Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H602FNG ONSEMI-MC10H602FNG Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H602FNR2 ONSEMI-MC10H602FNR2 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H602FNR2G ONSEMI-MC10H602FNR2G Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
More results

Podobny opis - MC10H602

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
MC10H600 ONSEMI-MC10H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
   9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
logo
Fairchild Semiconductor
100393 FAIRCHILD-100393 Datasheet
60Kb / 6P
   Low Power 9-Bit ECL-to-TTL Translator with Latches
100395 FAIRCHILD-100395 Datasheet
54Kb / 5P
   Low Power 9-Bit ECL-to-TTL Translator with Registers
logo
Micrel Semiconductor
SY10H600 MICREL-SY10H600 Datasheet
69Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
SY10H600 MICREL-SY10H600_06 Datasheet
469Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com