Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H645 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10H645
Szczegółowy opis  1:9 TTL CLOCK DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H645 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10H645 Datasheet HTML 1Page - ON Semiconductor MC10H645 Datasheet HTML 2Page - ON Semiconductor MC10H645 Datasheet HTML 3Page - ON Semiconductor MC10H645 Datasheet HTML 4Page - ON Semiconductor MC10H645 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–1
REV 4
© Motorola, Inc. 1996
9/96
1:9 TTL Clock Driver
The MC10H645 is a single supply, low skew, TTL I/O 1:9 Clock Driver.
Devices in the Motorola H600 clock driver family utiize the 28–lead PLCC
for optimal power and signal pin placement.
The device features a 24mA TTL ouput stage with AC performance
specified into a 50pF load capacitance. A 2:1 input mux is provided on
chip to allow for distributing both system and diagnostic clock signals or
designing clock redundancy into a system. With the SEL input held LOW
the DO input will be selected, while the D1 input is selected when the SEL
input is forced HIGH.
Low Skew Typically 0.65ns Within Device
Guaranteed Skew Spec 1.25ns Part–to–Part
Input Clock Muxing
Differential ECL Internal Design
Single Supply
Extra TTL and ECL Power/Ground Pins
PIN NAMES
PIN
FUNCTION
GT
VT
VE
GE
Dn
Q0 – Q8
SEL
TTL Ground (0V)
TTL VCC (+5.0V)
ECL VCC (+5.0V)
ECL Ground (0V)
TTL Signal Input
TTL Signal Outputs
TTL Mux Select
LOGIC DIAGRAM
Q0
Pinout: 28–Lead PLCC (Top View)
1
GT
Q5
VT
Q4
VT
Q3
GT
GT
Q6
VT
Q7
VT
Q8
GT
Q2
VT
Q1
VT
Q0
GT
56
78
9
10
11
25
24
23
22
21
20
19
26
27
28
2
3
4
18
17
16
15
14
13
12
GT
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q
Q
SEL
S
S
D1
D0
TTL
Inputs
TTL Outputs
D0
D0
D1
D1
MUX
NC
D0
D1
VE
SEL
GE
NC
MC10H645
1:9 TTL
CLOCK DRIVER
FN SUFFIX
PLASTIC PACKAGE
CASE 776–02


Podobny numer części - MC10H645

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
MC10H645FN ONSEMI-MC10H645FN Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
MC10H645FNG ONSEMI-MC10H645FNG Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
MC10H645FNG ONSEMI-MC10H645FNG Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
MC10H645FNR2 ONSEMI-MC10H645FNR2 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
More results

Podobny opis - MC10H645

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
   1:9 Differential Clock Driver
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
   1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
MC10H645 ONSEMI-MC10H645_15 Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
logo
Fairchild Semiconductor
GTLP6C816 FAIRCHILD-GTLP6C816 Datasheet
46Kb / 7P
   GTLP-to-TTL 1:6 Clock Driver
logo
Texas Instruments
CDCVF111 TI-CDCVF111 Datasheet
121Kb / 1P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
CDCVF111 TI1-CDCVF111_13 Datasheet
679Kb / 11P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H643 ONSEMI-MC10H643 Datasheet
106Kb / 5P
   DUAL SUPPLY ECL-TTL 1:8 CLOCK DRIVER
1996 REV 3
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com