Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB-757A-2 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części SB-757A-2
Szczegółowy opis  DC Tachometer Generators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

SB-757A-2 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  SB-757A-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SB-757A-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SB-757A-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers SB-757A-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SB-757A-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers SB-757A-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers SB-757A-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers SB-757A-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical Data
An Industry Standard for over fifty years.
A Servo-Tek DC tachometer generator provides a
convenient and economical means of converting
rotational speed into an isolated analog voltage
signal suitable for remote indication and control.
While this catalog contains information on our
most popular models, we also manufacture
countless special tach generators.
Construction
Most of our DC tach generators are housed in
aluminum casings protected in accordance with
Mil-C-5541 or Mil-A-8625 or high performance
plastics. Alnico permanent magnets are used.
Armature shafts are stainless-steel, and rotate
on fully shielded stainless-steel ball bearings.
Commutators are manufactured from an alloy
containing at least 90% silver.
Armature
laminations are wound with Isomid insulated wire,
over Teflon slot insulation. The entire armature
is then baked, resulting in a NEMA Class H
insulation system.
Linearity
Linearity at any speed is better than 0.1% of the
output at that RPM.
Bidirectional Operation
All Servo-Tek tachometer generators operate in
either rotational direction. That direction can be
determined by output voltage polarity. Output (in
either direction) is held to a tolerance of 0.25% of
the average output.
Stability
Optimum brush and commutator combination
gives 0.1% stability. Highly stable output gives no
evidence of long-term drift.
Breakdown Voltage
Servo-Tek DC tachometer generators are factory
tested with an AC potential of 1250 volts RMS
applied for one second between (either) terminal
and shaft. E-Series units are tested with 500 volts.
Temperature Range
Most of our DC tachometer generators
are
designed
for
continuous
operation
in
ambient
temperatures
ranging
from
-55ºC to +100ºC. Voltage output at 25ºC will not
deviate by more than 0.01% per degree of change
within the range of -20ºC to +75ºC. All units are
temperature compensated, with the exception of
D-Series and E-Series tach generators.
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
Ripple
The ripple RMS value will not exceed 3% of the
DC value at any speed in excess of 40 RPM on
standard units. On the low ripple units, the ripple
RMS value will not exceed 1.5% of the DC value.
A peak to peak ripple of 1.5% is available on some
models.
SB-740A-2
DA-7533A-2


Podobny numer części - SB-757A-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RHOPOINT COMPONENTS
SB-015 RHOPOINT-SB-015 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Gamewell-FCI by Honeywe...
SB-10 GAMEWELL-FCI-SB-10 Datasheet
389Kb / 2P
   Double action station
logo
List of Unclassifed Man...
SB-10 ETC2-SB-10 Datasheet
121Kb / 1P
   Snap Fit Bushings
SB-13 ETC2-SB-13 Datasheet
121Kb / 1P
   Snap Fit Bushings
SB-16 ETC2-SB-16 Datasheet
121Kb / 1P
   Snap Fit Bushings
More results

Podobny opis - SB-757A-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Baumer IVO GmbH & Co. K...
TA134 IVO-TA134 Datasheet
423Kb / 2P
   Tachometer electronic
TA201 IVO-TA201 Datasheet
402Kb / 2P
   Tachometer electronic
TA202 IVO-TA202 Datasheet
536Kb / 4P
   Tachometer electronic
logo
STMicroelectronics
L290 STMICROELECTRONICS-L290 Datasheet
104Kb / 8P
   TACHOMETER CONVERTER
STEVAL-IHM023V3 STMICROELECTRONICS-STEVAL-IHM023V3 Datasheet
656Kb / 9P
   Tachometer input
November 2014 Rev 1
logo
Extech Instruments Corp...
461891 EXTECH-461891 Datasheet
71Kb / 4P
   Contact Tachometer
logo
Baumer IVO GmbH & Co. K...
TA200 IVO-TA200 Datasheet
382Kb / 2P
   Tachometer electronic
logo
List of Unclassifed Man...
WD1A ETC1-WD1A Datasheet
99Kb / 2P
   Tachometer Transmitter
logo
Baumer IVO GmbH & Co. K...
ISI36 IVO-ISI36 Datasheet
570Kb / 4P
   Tachometer electronic
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com