Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB-757A-2 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części SB-757A-2
Szczegółowy opis  DC Tachometer Generators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

SB-757A-2 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  SB-757A-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SB-757A-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SB-757A-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers SB-757A-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SB-757A-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers SB-757A-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers SB-757A-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers SB-757A-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Model Number Mounting
Weight
(Approx.)
Inertia
(Approx.)
oz-in-sec2
V/1000
RPM
RPM
(max)
Armature
Resistance
(dynamic)
Armature
Inductance
(henrys)
Outline
Dimensions
Mounting
Dimensions
Shaft
Size
(in.)
SA-740A-7
Face
3.0 oz 1.32 x 10-4 2.6v
12,000
40Ω
0.024h
Fig. 10
Fig. 1
.120
SB-740A-7 Flange 3.0 oz 1.32 x 10-4 2.6v
12,000
40Ω
0.024h
Fig. 10
Fig. 2
.120
SA-740A-2
Face
3.0 oz 1.32 x 10-4 7.0v
12,000
350Ω
0.18h
Fig. 10
Fig. 1
.120
SB-740A-2 Flange 3.0 oz 1.32 x 10-4 7.0v
12,000
350Ω
0.18h
Fig. 10
Fig. 2
.120
SA-757A-2
Face
3.0 oz 1.32 x 10-4 7.0v
12,000
350Ω
0.18h
Fig. 11
Fig. 1
.187
SB-757A-2 Flange 3.0 oz 1.32 x 10-4 7.0v
12,000
350Ω
0.18h
Fig. 11
Fig. 2
.187
SA-740B-1
Face
4.0 oz 2.27 x 10-4 20.8v
8,000
1000Ω
0.56h
Fig. 10
Fig. 1
.120
SB-740B-1 Flange 4.0 oz 2.27 x 10-4 20.8v
8,000
1000Ω
0.56h
Fig. 10
Fig. 2
.120
SA-757B-1
Face
4.0 oz 2.27 x 10-4 20.8v
8,000
1000Ω
0.56h
Fig. 11
Fig. 1
.187
SB-757B-1 Flange 4.0 oz 2.27 x 10-4 20.8v
8,000
1000Ω
0.56h
Fig. 11
Fig. 2
.187
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
A-Series Tachometer Generators
Instrument Type:
• 0.120 inch shaft diameter
• Small in size
• Ideally suited to instrumentation applications
Industrial Type:
• 0.187 inch shaft diameter
• Special front-end bearings for radial loads
• Ideal for pulley and belt drive applications
A-Series
1 to 10 volts/1000 RPM
B-Series
11 to 24 volts/1000 RPM
A-Series and B-Series Specifications
Maximum Driving Torque for A-Series and B-Series is 0.25 oz-in
Most units listed above are normally in stock
SA-757A-2 and SA-740A-2
SN-763A-2
SB-757B-1 and SU-7346B-1
B-Series Tachometer Generators
As is the case with the A-Series DC tachometer
generator, the B-Series also comes in instrument
and industrial configurations. Depending on the
unit, the output voltage ranges between 11 and 24
V/1000 RPM. Electrical characteristics, ripple,
linearity and temperature effects are the same as
the A-Series.
Other shaft sizes and mounting configurations are
available for most Servo-Tek generators.


Podobny numer części - SB-757A-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RHOPOINT COMPONENTS
SB-015 RHOPOINT-SB-015 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Gamewell-FCI by Honeywe...
SB-10 GAMEWELL-FCI-SB-10 Datasheet
389Kb / 2P
   Double action station
logo
List of Unclassifed Man...
SB-10 ETC2-SB-10 Datasheet
121Kb / 1P
   Snap Fit Bushings
SB-13 ETC2-SB-13 Datasheet
121Kb / 1P
   Snap Fit Bushings
SB-16 ETC2-SB-16 Datasheet
121Kb / 1P
   Snap Fit Bushings
More results

Podobny opis - SB-757A-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Baumer IVO GmbH & Co. K...
TA134 IVO-TA134 Datasheet
423Kb / 2P
   Tachometer electronic
TA201 IVO-TA201 Datasheet
402Kb / 2P
   Tachometer electronic
TA202 IVO-TA202 Datasheet
536Kb / 4P
   Tachometer electronic
logo
STMicroelectronics
L290 STMICROELECTRONICS-L290 Datasheet
104Kb / 8P
   TACHOMETER CONVERTER
STEVAL-IHM023V3 STMICROELECTRONICS-STEVAL-IHM023V3 Datasheet
656Kb / 9P
   Tachometer input
November 2014 Rev 1
logo
Extech Instruments Corp...
461891 EXTECH-461891 Datasheet
71Kb / 4P
   Contact Tachometer
logo
Baumer IVO GmbH & Co. K...
TA200 IVO-TA200 Datasheet
382Kb / 2P
   Tachometer electronic
logo
List of Unclassifed Man...
WD1A ETC1-WD1A Datasheet
99Kb / 2P
   Tachometer Transmitter
logo
Baumer IVO GmbH & Co. K...
ISI36 IVO-ISI36 Datasheet
570Kb / 4P
   Tachometer electronic
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com