Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14001UBDR2 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC14001UBDR2
Szczegółowy opis  UB-Suffix Series CMOS Gates
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14001UBDR2 Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC14001UBDR2 Datasheet HTML 1Page - ON Semiconductor MC14001UBDR2 Datasheet HTML 2Page - ON Semiconductor MC14001UBDR2 Datasheet HTML 3Page - ON Semiconductor MC14001UBDR2 Datasheet HTML 4Page - ON Semiconductor MC14001UBDR2 Datasheet HTML 5Page - ON Semiconductor MC14001UBDR2 Datasheet HTML 6Page - ON Semiconductor MC14001UBDR2 Datasheet HTML 7Page - ON Semiconductor MC14001UBDR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14001UB, MC14011UB
http://onsemi.com
5
MC14001UB CIRCUIT SCHEMATIC
14
10
3
VDD
6
5
2
1
VSS
47
11
12
13
9
8
MC14011UB CIRCUIT SCHEMATIC
(1/4 of Device Shown)
2, 5, 9, 12
1, 6, 8, 13
7 VSS
14 VDD
3, 4, 10, 11
Figure 2. Typical Voltage and
Current Transfer Characteristics
Figure 3. Typical Voltage Transfer
Characteristics versus Temperature
Figure 4. Typical Output Source Characteristics
Figure 5. Typical Output Sink Characteristics
16
14
12
10
8.0
6.0
4.0
2.0
0
0 2.0 4.0 6.0 8.0 10 12 14 16
8.0
6.0
4.0
2.0
0
Vin, INPUT VOLTAGE (Vdc)
16
14
12
10
8.0
6.0
4.0
2.0
0
0 2.0 4.0 6.0 8.0 10 12 14 16
Vin, INPUT VOLTAGE (Vdc)
−8.0
−6.0
−4.0
−2.0
0
−10
−10
−8.0
−6.0
−4.0
−2.0
0
VDS, DRAIN VOLTAGE (Vdc)
2.0
4.0
6.0
8.0
10
0
0
VDS, DRAIN VOLTAGE (Vdc)
2.0
4.0
6.0
8.0
10
TA = −55°C
TA = +25°C
TA = +125°C
a
b
c
VGS = −5.0 Vdc
b
c
a
c
b
c
b
a
a
−10 Vdc
−15 Vdc
a
b
c
a
b
c
a
b
c
5.0 Vdc
VGS = 10 Vdc
15 Vdc
TA = −55°C
TA = +25°C
TA = +125°C
a
b
c
VDD = 15 Vdc
TA = +125°C
TA = −55°C
a
b
a
b
TA = +25°C
Unused input
connected to
VSS.
One input only
Both inputs
10 Vdc
5.0 Vdc
b
a
b a
b
a
15 Vdc
10 Vdc
Unused input
connected to
VSS.
VDD = 15 Vdc
b
a
a
b
a b
5.0 Vdc
10 Vdc


Podobny numer części - MC14001UBDR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14001UBDR2 ONSEMI-MC14001UBDR2 Datasheet
147Kb / 7P
   UB?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001UBDR2G ONSEMI-MC14001UBDR2G Datasheet
147Kb / 7P
   UB?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001UBDR2G ONSEMI-MC14001UBDR2G Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UBDR2G ONSEMI-MC14001UBDR2G Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
More results

Podobny opis - MC14001UBDR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UB ONSEMI-MC14001UB_14 Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
MC14001UB ONSEMI-MC14001UB_06 Datasheet
147Kb / 7P
   UB?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001B ONSEMI-MC14001B Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001B ONSEMI-MC14001B Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
MC14001B ONSEMI-MC14001B_14 Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
logo
Motorola, Inc
MC14001 MOTOROLA-MC14001 Datasheet
327Kb / 11P
   B-Suffix Series CMOS Gates
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com