Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5399YRM Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD5399YRM
Szczegółowy opis  Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5399YRM Arkusz danych(HTML) 4 Page - Analog Devices

  AD5399YRM Datasheet HTML 1Page - Analog Devices AD5399YRM Datasheet HTML 2Page - Analog Devices AD5399YRM Datasheet HTML 3Page - Analog Devices AD5399YRM Datasheet HTML 4Page - Analog Devices AD5399YRM Datasheet HTML 5Page - Analog Devices AD5399YRM Datasheet HTML 6Page - Analog Devices AD5399YRM Datasheet HTML 7Page - Analog Devices AD5399YRM Datasheet HTML 8Page - Analog Devices AD5399YRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD5399
Rev. D | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
–0.3 V, +7.5 V
VOUTA, VOUTB, VBZ to GND
0 V, VDD
Digital Input Voltages to GND
0 V, VDD + 0.3 V
Operating Temperature Range
–40°C to +105°C
Maximum Junction Temperature (TJ MAX)
150°C
Storage Temperature
–65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
Package Power Dissipation
(TJ MAX – TA)/θJA
Thermal Resistance, θJA, MSOP-10
206°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - AD5399YRM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5399YRM AD-AD5399YRM Datasheet
342Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
AD5399YRM-REEL7 AD-AD5399YRM-REEL7 Datasheet
342Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
AD5399YRMZ AD-AD5399YRMZ Datasheet
342Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
More results

Podobny opis - AD5399YRM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5399YRMZ AD-AD5399YRMZ Datasheet
342Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
AD5329 AD-AD5329_15 Datasheet
125Kb / 4P
   Twos Complement Dual, 12-Bit DACs
REV PrC, 20 DEC 99
logo
National Semiconductor ...
DM93S43 NSC-DM93S43 Datasheet
108Kb / 4P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
logo
List of Unclassifed Man...
93S43 ETC1-93S43 Datasheet
304Kb / 3P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
logo
Texas Instruments
SN54LS384 TI-SN54LS384 Datasheet
239Kb / 6P
[Old version datasheet]   8-BIT BY 1-BIT TWOS-COMPLEMENT MULTIPLIERS
logo
Wolfson Microelectronic...
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
   Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
logo
Texas Instruments
DAC61402 TI-DAC61402 Datasheet
4Mb / 52P
[Old version datasheet]   DAC61402 Dual, 12-Bit, High-Voltage-Output DAC With Internal Reference
logo
Linear Technology
LTC1821 LINER-LTC1821 Datasheet
220Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
LTC1821 LINER-LTC1821_15 Datasheet
231Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
logo
Analog Devices
AD5329 AD-AD5329 Datasheet
124Kb / 4P
   Two?셲 Complement Dual, 12-Bit DACs
REV PrC, 20 DEC 99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com