Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14076BD Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC14076BD
Szczegółowy opis  4-Bit D-Type Register with Three-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14076BD Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC14076BD Datasheet HTML 1Page - ON Semiconductor MC14076BD Datasheet HTML 2Page - ON Semiconductor MC14076BD Datasheet HTML 3Page - ON Semiconductor MC14076BD Datasheet HTML 4Page - ON Semiconductor MC14076BD Datasheet HTML 5Page - ON Semiconductor MC14076BD Datasheet HTML 6Page - ON Semiconductor MC14076BD Datasheet HTML 7Page - ON Semiconductor MC14076BD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 3
1
Publication Order Number:
MC14076B/D
MC14076B
4-Bit D-Type Register
with Three-State Outputs
The MC14076B 4–Bit Register consists of four D–type flip–flops
operating synchronously from a common clock. OR gated
output–disable inputs force the outputs into a high–impedance state
for use in bus organized systems. OR gated data–disable inputs cause
the Q outputs to be fed back to the D inputs of the flip–flops. Thus they
are inhibited from changing state while the clocking process remains
undisturbed. An asynchronous master root is provided to clear all four
flip–flops simultaneously independent of the clock or disable inputs.
Three–State Outputs with Gated Control Lines
Fully Independent Clock Allows Unrestricted Operation for the Two
Modes: Parallel Load and Do Nothing
Asynchronous Master Reset
Four Bus Buffer Registers
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving Two Low–Power TTL Loads or One Low–Power
Schottky TTL Load Over the Rated Temperature Range
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 1.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
– 0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation,
per Package (Note 2.)
500
mW
TA
Ambient Temperature Range
– 55 to +125
°C
Tstg
Storage Temperature Range
– 65 to +150
°C
TL
Lead Temperature
(8–Second Soldering)
260
°C
1. Maximum Ratings are those values beyond which damage to the device
may occur.
2. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high–impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC14076BCP
PDIP–16
2000/Box
MC14076BD
SOIC–16
2400/Box
MC14076BDR2
SOIC–16
2500/Tape & Reel
MARKING
DIAGRAMS
1
16
PDIP–16
P SUFFIX
CASE 648
MC14076BCP
AWLYYWW
SOIC–16
D SUFFIX
CASE 751B
1
16
14076B
AWLYWW


Podobny numer części - MC14076BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14076BD ONSEMI-MC14076BD Datasheet
94Kb / 8P
   4-Bit D-Type Register with Three-State Outputs
February, 2005 ??Rev. 5
MC14076BDG ONSEMI-MC14076BDG Datasheet
94Kb / 8P
   4-Bit D-Type Register with Three-State Outputs
February, 2005 ??Rev. 5
MC14076BDG ONSEMI-MC14076BDG Datasheet
112Kb / 7P
   4-Bit D-Type Register with Three-State Outputs
August, 2014 ??Rev. 8
MC14076BDR2 ONSEMI-MC14076BDR2 Datasheet
94Kb / 8P
   4-Bit D-Type Register with Three-State Outputs
February, 2005 ??Rev. 5
MC14076BDR2G ONSEMI-MC14076BDR2G Datasheet
94Kb / 8P
   4-Bit D-Type Register with Three-State Outputs
February, 2005 ??Rev. 5
More results

Podobny opis - MC14076BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14076B ONSEMI-MC14076B_05 Datasheet
94Kb / 8P
   4-Bit D-Type Register with Three-State Outputs
February, 2005 ??Rev. 5
MC14076B ONSEMI-MC14076B_14 Datasheet
112Kb / 7P
   4-Bit D-Type Register with Three-State Outputs
August, 2014 ??Rev. 8
logo
Motorola, Inc
SN54LS173A MOTOROLA-SN54LS173A Datasheet
207Kb / 6P
   4-BIT D-TYPE REGISTER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC173 RENESAS-HD74HC173 Datasheet
113Kb / 8P
   4-bit D-type Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC173 HITACHI-HD74HC173 Datasheet
56Kb / 9P
   4-bit D-type Register (with 3-state Outputs)
HD74LS670 HITACHI-HD74LS670 Datasheet
102Kb / 7P
   4-by-4 Register File(with three-state outputs)
logo
List of Unclassifed Man...
AM29LS18 ETC1-AM29LS18 Datasheet
291Kb / 6P
   QUAD D REGISTER WITH STANDARD AND THREE-STATE OUTPUTS
logo
National Semiconductor ...
DM74LS395 NSC-DM74LS395 Datasheet
106Kb / 6P
   4-Bit Shift Register with TRI-STATE Outputs
54LS295A NSC-54LS295A Datasheet
117Kb / 4P
   4-BIT SHIFT REGISTER WITH TRI-STATE OUTPUTS
logo
Motorola, Inc
SN54LS395 MOTOROLA-SN54LS395 Datasheet
196Kb / 6P
   4-BIT SHIFT REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com