Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14094B Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC14094B
Szczegółowy opis  8-Stage Shift/Store Register with Three-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14094B Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC14094B Datasheet HTML 1Page - ON Semiconductor MC14094B Datasheet HTML 2Page - ON Semiconductor MC14094B Datasheet HTML 3Page - ON Semiconductor MC14094B Datasheet HTML 4Page - ON Semiconductor MC14094B Datasheet HTML 5Page - ON Semiconductor MC14094B Datasheet HTML 6Page - ON Semiconductor MC14094B Datasheet HTML 7Page - ON Semiconductor MC14094B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC14094B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
VDD
– 55
_C
25
_C
125
_C
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ (4.)
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
µAdc
Total Supply Current (5.) (6.)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (4.1 µA/kHz) f + IDD
IT = (14 µA/kHz) f + IDD
IT = (140 µA/kHz) f + IDD
µAdc
3–State Output Leakage Current
ITL
15
± 0.1
± 0.0001
± 0.1
± 3.0
µA
4. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
5. The formulas given are for the typical characteristics only at 25
_C.
6. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.001.


Podobny numer części - MC14094B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14094B ONSEMI-MC14094B Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
MC14094B ONSEMI-MC14094B Datasheet
161Kb / 10P
   8-Stage Shift/Store Register with Three-State Outputs
May, 2013 ??Rev. 9
MC14094B ONSEMI-MC14094B Datasheet
136Kb / 9P
   8-Stage Shift/Store Register with Three-State Outputs
August, 2014 ??Rev. 10
MC14094BCP ONSEMI-MC14094BCP Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
MC14094BCPG ONSEMI-MC14094BCPG Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
More results

Podobny opis - MC14094B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14094B ONSEMI-MC14094B_14 Datasheet
136Kb / 9P
   8-Stage Shift/Store Register with Three-State Outputs
August, 2014 ??Rev. 10
MC14094BDTR2G ONSEMI-MC14094BDTR2G Datasheet
161Kb / 10P
   8-Stage Shift/Store Register with Three-State Outputs
May, 2013 ??Rev. 9
logo
STMicroelectronics
HCF4094B STMICROELECTRONICS-HCF4094B_04 Datasheet
237Kb / 13P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
HCF4094B STMICROELECTRONICS-HCF4094B Datasheet
306Kb / 12P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
October 2002
logo
ON Semiconductor
MC14094B ONSEMI-MC14094B_05 Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
logo
Unisonic Technologies
U74HC4094 UTC-U74HC4094 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
U74HC4094 UTC-U74HC4094_15 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
logo
NXP Semiconductors
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com