Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14060 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC14060
Szczegółowy opis  14-Bit Binary Counter and Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14060 Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC14060 Datasheet HTML 1Page - ON Semiconductor MC14060 Datasheet HTML 2Page - ON Semiconductor MC14060 Datasheet HTML 3Page - ON Semiconductor MC14060 Datasheet HTML 4Page - ON Semiconductor MC14060 Datasheet HTML 5Page - ON Semiconductor MC14060 Datasheet HTML 6Page - ON Semiconductor MC14060 Datasheet HTML 7Page - ON Semiconductor MC14060 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14060B
http://onsemi.com
5
Figure 3. Oscillator Circuit Using RC Configuration
CLOCK
11
RESET
RS
Ctc
Rtc
10
OUT 1
9
OUT 2
f
[
1
2.3 RtcCtc
if 1 kHz
≤ f ≤ 100 kHz
and 2Rtc < RS < 10Rtc
(f in Hz, R in ohms, C in farads)
The formula may vary for other frequencies. Recommended
maximum value for the resistors in 1 M
Ω.
TYPICAL RC OSCILLATOR CHARACTERISTICS
Figure 4. RC Oscillator Stability
Figure 5. RC Oscillator Frequency as a
Function of RTC and C
– 8.0
–12
–16
– 4.0
0
4.0
8.0
125
100
75
50
25
0
–25
–55
TA, AMBIENT TEMPERATURE (°C)
VDD = 15 V
1.0 V
5.0 V
RTC = 56 kΩ
C = 1000 pF
RS = 0, f = 10.15 kHz @ VDD = 10, TA =25°C
RS = 120 kΩ, f = 7.8 kHz @ VDD = 10 V, TA =25°C
100
50
20
10
5
2
1
0.5
0.2
0.1
1.0 k
10 k
100 k
1.0 M
RTC, RESISTANCE (OHMS)
0.0001
0.001
0.01
0.1
C, CAPACITANCE (
µF)
VDD = 10 V
f AS A FUNCTION
OF RTC
(C = 1000 pF)
(RS ≈ 2RTC)
f AS A FUNCTION
OF C
(RTC = 56 kΩ)
(RS = 120 k)
Figure 6. Typical Crystal Oscillator Circuit
CLOCK
11
RESET
9
OUT 2
10
OUT 1
18M
RO
CS
CT
Characteristic
500 kHz
Circuit
32 kHz
Circuit
Unit
Crystal Characteristics
Resonant Frequency
Equivalent Resistance, RS
500
1.0
32
6.2
kHz
k
External Resistor/Capacitor Values
RO
CT
CS
47
82
20
750
82
20
k
pF
pF
Frequency Stability
Frequency Changes as a
Function of VDD (TA = 25_C)
VDD Change from 5.0 V to 10 V
VDD Change from 10 V to 15 V
Frequency Change as a Function
of Temperature (VDD = 10 V)
TA Change from – 55_C to
+25
_C Complete Oscillator (8.)
TA Change from + 25_C to
+ 125
_C Complete Oscillator (8.)
+ 6.0
+ 2.0
+ 100
– 160
+ 2.0
+ 2.0
+ 120
– 560
ppm
ppm
ppm
ppm
8. Complete oscillator includes crystal, capacitors, and resistors.
Figure 7. Typical Data for Crystal Oscillator Circuit


Podobny numer części - MC14060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14060 ONSEMI-MC14060 Datasheet
125Kb / 10P
   14-Bit Binary Counter and Oscillator
July, 2004 ??Rev. 6
MC14060B ONSEMI-MC14060B Datasheet
159Kb / 9P
   14-Bit Binary Counter and Oscillator
June, 2011 ??Rev. 8
MC14060B ONSEMI-MC14060B Datasheet
145Kb / 8P
   14-Bit Binary Counter and Oscillator
August, 2014 ??Rev. 10
MC14060BCP ONSEMI-MC14060BCP Datasheet
125Kb / 10P
   14-Bit Binary Counter and Oscillator
July, 2004 ??Rev. 6
MC14060BCPG ONSEMI-MC14060BCPG Datasheet
125Kb / 10P
   14-Bit Binary Counter and Oscillator
July, 2004 ??Rev. 6
More results

Podobny opis - MC14060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14060B ONSEMI-MC14060B_15 Datasheet
145Kb / 8P
   14-Bit Binary Counter and Oscillator
August, 2014 ??Rev. 10
MC14060 ONSEMI-MC14060_04 Datasheet
125Kb / 10P
   14-Bit Binary Counter and Oscillator
July, 2004 ??Rev. 6
MC14060BDG ONSEMI-MC14060BDG Datasheet
159Kb / 9P
   14-Bit Binary Counter and Oscillator
June, 2011 ??Rev. 8
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
   14-bit Binary Counter
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B_14 Datasheet
115Kb / 7P
   14-Bit Binary Counter
August, 2014 ??Rev. 9
logo
Texas Instruments
8409901RX TI1-8409901RX Datasheet
122Kb / 7P
[Old version datasheet]   14-STAGE ASYNCHRONOUS BINARY COUNTER AND OSCILLATOR
logo
STMicroelectronics
M74HC4060RM13TR STMICROELECTRONICS-M74HC4060RM13TR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B Datasheet
209Kb / 8P
   14-Bit Binary Counter
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14020B MOTOROLA-MC14020B Datasheet
207Kb / 6P
   14-Bit Binary Counter
logo
STMicroelectronics
M74HC4060TTR STMICROELECTRONICS-M74HC4060TTR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com