Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ECS-9000-9GD Arkusz danych(PDF) 2 Page - Vecow Co., Ltd.

Numer części ECS-9000-9GD
Szczegółowy opis  ECS-9000, 9 GigE LAN with 4 PoE, 6 USB 3.0, 4 COM, 3 SIM, Isolated DIO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VECOW [Vecow Co., Ltd.]
Strona internetowa  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

ECS-9000-9GD Arkusz danych(HTML) 2 Page - Vecow Co., Ltd.

  ECS-9000-9GD Datasheet HTML 1Page - Vecow Co., Ltd. ECS-9000-9GD Datasheet HTML 2Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order Information
Dimensions
Unit : mm/ inch
Front I/O
Rear I/O
Isolated DIO
4 x COM
4 x PoE
Remote Power Switch
2 x USB 3.0
DC-in
260.0 (10.24”)
282.0 (11.10”)
297.0 (11.69”)
CFast
LED
3 x SIM
Reset
DVI-D
4 x USB 3.0
DisplayPort
Mic-in
Power
ECS-9000-9GD
ECS-9000, 9 GigE LAN with 4 PoE
+, 6 USB 3.0, 4 COM, 3 SIM, Isolated DIO
3 x LAN
Line-out
DVI-I
2 x LAN
Accessories
DDR4 32G
Certified DDR4 32GB 2666MHz RAM
DDR4 16G
Certified DDR4 16GB 2400/2133 MHz RAM
DDR4 8G
Certified DDR4 8GB 2400/2133 MHz RAM
DDR4 4G
Certified DDR4 4GB 2400/2133 MHz RAM
PWA-280W-WT
280W, 24V, 85V AC to 264V AC Power Adapter with 3-pin
Terminal Block, Wide Temperature -30°C to +70°C
PWA-160W-WT
160W, 24V, 85V AC to 264V AC Power Adapter with 3-pin
Terminal Block, Wide Temperature -30°C to +70°C
PWA-120W
120W, 24V, 90V AC to 264V AC Power Adapter with 3-pin
Terminal Block
PWA-120WM4P
120W, 24V, 90V AC to 264V AC Power Adapter with 4-pin
Mini-DIN Connector
VESA Mount
VESA Mounting Kit
DIN-RAIL Kit
DIN Rail and VESA Mounting Kit
Rack Mount
2U Rackmount Kit
TMK2-20P-100
Terminal Block 20-pin to Terminal Block 20-pin Cable, 100cm
TMK2-20P-500
Terminal Block 20-pin to Terminal Block 20-pin Cable, 500cm
TMB-TMBK-20P
Terminal Board with One 20-pin Terminal Block Connector
and DIN-Rail Mounting
4G Module
Mini PCIe 4G/GPS Module with Antenna
WiFi & Bluetooth
WiFi & Bluetooth Module with Antenna
CPU List
Series
CPU
Cache
(MB)
Turbo Freq.
(GHz)
TDP
(W)
ECC
Memory
Intel®
Xeon®
E3-1275 v6
8
4.2
80
Yes
E3-1275 v5
4
80
E3-1225 v5
3.7
80
E3-1268L v5
3.4
35
Intel®
Core™
i7-7700
8
4.2
65
NA
i7-7700T
3.8
35
i7-6700
4
65
i7-6700TE
3.4
35
i5-7500
6
3.8
65
NA
i5-7500T
3.3
35
i5-6500
3.6
65
i5-6500TE
3.3
35
i3-7101E
3
3.9
65
Yes
i3-7101TE
3.4
35
i3-6100
4
3.7
65
i3-6100TE
2.7
35
ECS-9000-9GD-20181116
* The rights of all brand names, product names and trademarks belong to their respective owners.
Copyright © 2018 Vecow Co., Ltd. All rights reserved.


Podobny numer części - ECS-9000-9GD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vecow Co., Ltd.
ECS-9000-9R VECOW-ECS-9000-9R Datasheet
421Kb / 2P
   ECS-9000, 9 GigE LAN with 4 PoE, 2 SSD Tray, 6 USB 3.0, 4 COM, 3 SIM, Isolated DIO
More results

Podobny opis - ECS-9000-9GD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vecow Co., Ltd.
ECS-9000-POE VECOW-ECS-9000-POE Datasheet
388Kb / 2P
   ECS-9000, 6 GigE LAN with 4 PoE, 6 USB 3.0, 4 COM, 3 SIM, Isolated DIO
ECS-9000-9R VECOW-ECS-9000-9R Datasheet
421Kb / 2P
   ECS-9000, 9 GigE LAN with 4 PoE, 2 SSD Tray, 6 USB 3.0, 4 COM, 3 SIM, Isolated DIO
ECS-9000-POER VECOW-ECS-9000-POER Datasheet
405Kb / 2P
   ECS-9000, 6 GigE LAN with 4 PoE, 2 SSD Tray, 6 USB 3.0, 4 COM, 3 SIM, Isolated DIO
ECS-9071 VECOW-ECS-9071 Datasheet
420Kb / 2P
   ECS-9000, 6 GigE LAN with 4 PoE, 2 10G SFP, 4 COM, 3 SIM, 6 USB 3.0, 16 Isolated DIO
ECS-9055 VECOW-ECS-9055 Datasheet
420Kb / 2P
   ECS-9000, 6 GigE LAN with 4 PoE, 2 10G RJ45, 4 COM, 3 SIM, 6 USB 3.0, 16 Isolated DIO
ECS-9000-4G VECOW-ECS-9000-4G Datasheet
380Kb / 2P
   ECS-9000, 4 GigE LAN, 6 USB 3.0, 4 COM, 3 SIM, 16 GPIO
ECS-9071R VECOW-ECS-9071R Datasheet
439Kb / 2P
   ECS-9000, 6 GigE LAN with 4 PoE, 2 10G SFP, 2 SSD Tray, 4 COM, 3 SIM, 6 USB 3.0, 16 Isolated DIO
ECS-9055R VECOW-ECS-9055R Datasheet
439Kb / 2P
   ECS-9000, 6 GigE LAN with 4 PoE, 2 10G RJ45, 2 SSD Tray, 4 COM, 3 SIM, 6 USB 3.0, 16 Isolated DIO
ECS-9000-2G VECOW-ECS-9000-2G Datasheet
379Kb / 2P
   ECS-9000, 2 GigE LAN, 6 USB 3.0, 4 COM, 3 SIM, 16 GPIO
ECS-9000-6F VECOW-ECS-9000-6F Datasheet
399Kb / 2P
   ECS-9000, 6 GigE LAN with 2 SFP, 6 USB 3.0, 4 COM, 3 SIM, 16 GPIO
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com