Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


NBN6-V3-E1-V3 Datasheet(Arkusz danych) 1 Page - Pepperl+Fuchs Inc.

Numer części NBN6-V3-E1-V3
Szczegółowy opis  Inductive sensor
Pobierz  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  PF [Pepperl+Fuchs Inc.]
Strona internetowa  https://www.pepperl-fuchs.com/
Logo 

   
 1 page
background image
1
Inductive sensor
NBN6-V3-E1-V3
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model Number
NBN6-V3-E1-V3
Features
• 6 mm non-flush
•3-wire DC
Accessories
V3-WM
Female connector, M8, 3-pin, field attachable
V3-GM
Female connector, M8, 3-pin, field attachable
V3-WM-2M-PUR
Cable socket, M8, 3-pin, PUR cable
V3-GM-2M-PUR
Cable socket, M8, 3-pin, PUR cable
Technical Data
General specifications
Switching element function
NPN
NC
Rated operating distance
sn
6 mm
Installation
non-flush
Output polarity
DC
Assured operating distance
sa
0 ... 4.8 mm
Reduction factor rAl
0.35
Reduction factor rCu
0.2
Reduction factor r304
0.7
Nominal ratings
Operating voltage
UB
10 ... 30 V DC
Switching frequency
f
0 ... 1000 Hz
Reverse polarity protection
reverse polarity protected
Short-circuit protection
pulsing
Voltage drop
Ud
≤ 3 V
Operating current
IL
0 ... 100 mA
Off-state current
Ir
0 ... 0.5 mA typ. 0.1 µA at 25 °C
No-load supply current
I0
≤ 15 mA
Switching state indicator
LED, yellow
Functional safety related parameters
MTTFd
1920 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Mechanical specifications
Connection type
Connector M8 x 1 , 3-pin
Housing material
PBT
Sensing face
PBT
Degree of protection
IP67
Compliance with standards and directives
Standard conformity
Standards
EN 60947-5-2:2007
IEC 60947-5-2:2007
Approvals and certificates
CCC approval
CCC approval / marking not required for products rated ≤36 V
Dimensions
Electrical Connection
22.2
27.8
5.5
LED
3
37
1
L+
L-
4
3




Html Pages

1  2 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl