Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GRM21BR11C394KA01 Arkusz danych(PDF) 1 Page - Murata Manufacturing Co., Ltd

Numer części GRM21BR11C394KA01
Szczegółowy opis  Chip Monolithic Ceramic Capacitor for General
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA1 [Murata Manufacturing Co., Ltd]
Strona internetowa  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM21BR11C394KA01 Arkusz danych(HTML) 1 Page - Murata Manufacturing Co., Ltd

  GRM21BR11C394KA01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GRM21BR11C394KA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GRM21BR11C394KA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GRM21BR11C394KA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GRM21BR11C394KA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GRM21BR11C394KA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GRM21BR11C394KA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GRM21BR11C394KA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GRM21BR11C394KA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
GRM21BR11C394KA01_ (0805, R:JIS, 0.39uF, DC16V)
_: packaging code
Reference Sheet
1.Scope
  
2.MURATA Part NO. System
(Ex.)
3. Type & Dimensions
(Unit:mm)
4.Rated value
5.Package
Product specifications in this catalog are as of Mar.2,2016,and are subject to change or obsolescence without notice.
Please consult the approval sheet before ordering.
Please read rating and !Cautions first.
(3) Temperature Characteristics
(Public STD Code):R(JIS)
g
0.2 to 0.7
(5) Nominal
Capacitance
mark
(4)
Rated
Voltage
Packaging Unit
DC 16 V
Temp. Range
(Ref.Temp.)
(8) Packaging
-15 to 15 %
-55 to 125 °C
(20 °C)
0.7 min.
(1)-1 L
2.0±0.1
(1)-2 W
1.25±0.1
This product specification is applied to Chip Monolithic Ceramic Capacitor used for General Electronic equipment.
(2) T
e
Chip Monolithic Ceramic Capacitor for General
Specifications and Test
Methods
(Operating
Temp. Range)
Temp. coeff
or Cap. Change
±10 %
(6)
Capacitance
Tolerance
0.39 uF
1.25±0.1
-55 to 125 °C
L
f180mm Reel
EMBOSSED W8P4
3000 pcs./Reel
K
f330mm Reel
EMBOSSED W8P4
10000 pcs./Reel
(1)L/W
Dimensions
(2)T
Dimensions
(3)Temperature
Characteristics
(4)Rated
Voltage
(5)Nominal
Capacitance
(6)Capacitance
Tolerance
(8)Packaging
Code
(7)Murata’s
Control Code
GRM
21
B
R1
1C
394
K
A01
L
GRM21BR11C394KA01-01
1


Podobny numer części - GRM21BR11C394KA01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
GRM21BR11C394JA01 MURATA1-GRM21BR11C394JA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR11C394JA01K MURATA1-GRM21BR11C394JA01K Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR11C394JA01L MURATA1-GRM21BR11C394JA01L Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR11C394MA01 MURATA1-GRM21BR11C394MA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR11C394MA01K MURATA1-GRM21BR11C394MA01K Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results

Podobny opis - GRM21BR11C394KA01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2H821JW01 MURATA-GRM31B5C2H821JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com