Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1413BP Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC1413BP
Szczegółowy opis  High Voltage, High Current Darlington Transistor Arrays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1413BP Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC1413BP Datasheet HTML 1Page - ON Semiconductor MC1413BP Datasheet HTML 2Page - ON Semiconductor MC1413BP Datasheet HTML 3Page - ON Semiconductor MC1413BP Datasheet HTML 4Page - ON Semiconductor MC1413BP Datasheet HTML 5Page - ON Semiconductor MC1413BP Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC1413, MC1413B, NCV1413B
http://onsemi.com
2
MAXIMUM RATINGS (TA = 25°C, and rating apply to any one device in the package, unless otherwise noted.)
Rating
Symbol
Value
Unit
Output Voltage
VO
50
V
Input Voltage
VI
30
V
Collector Current − Continuous
IC
500
mA
Base Current − Continuous
IB
25
mA
Operating Ambient Temperature Range
MC1413
MC1413B
NCV1413B
TA
−20 to +85
−40 to +85
−40 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Junction Temperature
TJ
150
°C
Thermal Resistance, Junction−to−Ambient
Case 648, P Suffix
Case 751B, D Suffix
R
qJA
67
100
°C/W
Thermal Resistance, Junction−to−Case
Case 648, P Suffix
Case 751B, D Suffix
R
qJC
22
20
°C/W
Electrostatic Discharge Sensitivity (ESD)
Human Body Model (HBM)
Machine Model (MM)
Charged Device Model (CDM)
ESD
2000
400
1500
V
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Leakage Current
(VO = 50 V, TA = +85°C)
(VO = 50 V, TA = +25°C)
All Types
All Types
ICEX
100
50
mA
Collector−Emitter Saturation Voltage
(IC = 350 mA, IB = 500 mA)
(IC = 200 mA, IB = 350 mA)
(IC = 100 mA, IB = 250 mA)
All Types
All Types
All Types
VCE(sat)
1.1
0.95
0.85
1.6
1.3
1.1
V
Input Current − On Condition
(VI = 3.85 V)
MC1413, B
II(on)
0.93
1.35
mA
Input Voltage − On Condition
(VCE = 2.0 V, IC = 200 mA)
(VCE = 2.0 V, IC = 250 mA)
(VCE = 2.0 V, IC = 300 mA)
MC1413, B
MC1413, B
MC1413, B
VI(on)
2.4
2.7
3.0
V
Input Current − Off Condition
(IC = 500 mA, TA = 85°C)
All Types
II(off)
50
100
mA
DC Current Gain
(VCE = 2.0 V, IC = 350 mA)
hFE
1000
Input Capacitance
CI
15
30
pF
Turn−On Delay Time
(50% EI to 50% EO)
ton
0.25
1.0
ms
Turn−Off Delay Time
(50% EI to 50% EO)
toff
0.25
1.0
ms
Clamp Diode Leakage Current
(VR = 50 V)
TA = +25°C
TA = +85°C
IR
50
100
mA
Clamp Diode Forward Voltage
(IF = 350 mA)
VF
1.5
2.0
V
NOTE:
NCV1413B Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring
site and change control.


Podobny numer części - MC1413BP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC1413BP ONSEMI-MC1413BP Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
MC1413BPG ONSEMI-MC1413BPG Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
More results

Podobny opis - MC1413BP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com