Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14516B Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC14516B
Szczegółowy opis  Binary Up/Down Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14516B Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button MC14516B Datasheet HTML 2Page - ON Semiconductor MC14516B Datasheet HTML 3Page - ON Semiconductor MC14516B Datasheet HTML 4Page - ON Semiconductor MC14516B Datasheet HTML 5Page - ON Semiconductor MC14516B Datasheet HTML 6Page - ON Semiconductor MC14516B Datasheet HTML 7Page - ON Semiconductor MC14516B Datasheet HTML 8Page - ON Semiconductor MC14516B Datasheet HTML 9Page - ON Semiconductor MC14516B Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC14516B
http://onsemi.com
6
Figure 1. Power Dissipation Test Circuit and Waveform
PULSE
GENERATOR
CL
CL
CL
CL
VDD
VARIABLE
WIDTH
VDD
VSS
CLOCK
ID
0.01 µF
CERAMIC
20 ns
20 ns
10%
50%
90%
500 pF
Q0
Q1
Q2
Q3
CARRY
OUT
PE
CARRY IN
R
UP/DOWN
CLOCK
P0
P1
P2
P3
CL
LOGIC DIAGRAM
PE
C
T
Q
Q
P
PE
C
T
Q
Q
P
PE
C
T
Q
Q
P
PE
C
T
Q
Q
P
Q2
14
P2
13
Q1
11
P3
3
Q3
2
P0
4
Q0
6
P1
12
CARRY OUT
CLOCK
PRESET
ENABLE
RESET
CARRY IN
UP/DOWN
9
1
15
7
5
10


Podobny numer części - MC14516B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
MC14516B ONSEMI-MC14516B Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
MC14516BCP ONSEMI-MC14516BCP Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
MC14516BCPG ONSEMI-MC14516BCPG Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
MC14516BD ONSEMI-MC14516BD Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
More results

Podobny opis - MC14516B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
HEF4516B PHILIPS-HEF4516B Datasheet
129Kb / 10P
   Binary up/down counter
January 1995
logo
Hitachi Semiconductor
HD14516B HITACHI-HD14516B Datasheet
100Kb / 8P
   Binary Up/Down Counter
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_06 Datasheet
123Kb / 11P
   Binary Up/Down Counter
June, 2006 ??Rev. 7
logo
NXP Semiconductors
HEF4516B NXP-HEF4516B_09 Datasheet
158Kb / 16P
   Binary up/down counter
Rev. 06-11 December 2009
logo
ON Semiconductor
MC14516B ONSEMI-MC14516B_14 Datasheet
102Kb / 10P
   Binary Up/Down Counter
March, 2014 ??Rev. 10
logo
NXP Semiconductors
74HC4516 PHILIPS-74HC4516 Datasheet
100Kb / 14P
   Binary up/down counter
December 1990
logo
Toshiba Semiconductor
TC74HC193AP TOSHIBA-TC74HC193AP_07 Datasheet
475Kb / 12P
   Synchronous Up/Down Binary Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
   Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com