Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14528BCP Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC14528BCP
Szczegółowy opis  Dual Monostable Multivibrator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14528BCP Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC14528BCP Datasheet HTML 1Page - ON Semiconductor MC14528BCP Datasheet HTML 2Page - ON Semiconductor MC14528BCP Datasheet HTML 3Page - ON Semiconductor MC14528BCP Datasheet HTML 4Page - ON Semiconductor MC14528BCP Datasheet HTML 5Page - ON Semiconductor MC14528BCP Datasheet HTML 6Page - ON Semiconductor MC14528BCP Datasheet HTML 7Page - ON Semiconductor MC14528BCP Datasheet HTML 8Page - ON Semiconductor MC14528BCP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC14528B
http://onsemi.com
5
FUNCTION TABLE
Inputs
Outputs
Reset
A
B
Q
Q
H
H
H
L
H
L
Not Triggered
H
H
Not Triggered
H
L, H,
H
Not Triggered
H
L
L, H,
Not Triggered
L
X
X
L
H
X
X
Not Triggered
Figure 1. Output Source Current Test Circuit
Figure 2. Output Sink Current Test Circuit
VDD
VDD
OPEN
VSS
VSS
OPEN
VOL
RESET
A
B
Q
Q
16
8
16
8
IOL
RESET
A
B
Q
Q
IOH
VOH
Figure 3. Power Dissipation Test Circuit and Waveforms
VDD
DUTY CYCLE = 50%
CL
CL
CL
CL
ID
500 pF
VSS
Vin
20 ns
20 ns
VDD
0 V
Vin
90%
10%
0.1
mF
CERAMIC
RX
CX
RX
CX
A
B
RESET
A
B
RESET
Q
Q
Q
Q


Podobny numer części - MC14528BCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14528BCP ONSEMI-MC14528BCP Datasheet
113Kb / 9P
   Dual Monostable Multivibrator
April, 2006 ??Rev. 6
MC14528BCPG ONSEMI-MC14528BCPG Datasheet
113Kb / 9P
   Dual Monostable Multivibrator
April, 2006 ??Rev. 6
More results

Podobny opis - MC14528BCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com