Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14543B Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC14543B
Szczegółowy opis  BCD-to-Seven Segment Latch/Decoder/Driver for Liquid Crystals
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14543B Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC14543B Datasheet HTML 1Page - ON Semiconductor MC14543B Datasheet HTML 2Page - ON Semiconductor MC14543B Datasheet HTML 3Page - ON Semiconductor MC14543B Datasheet HTML 4Page - ON Semiconductor MC14543B Datasheet HTML 5Page - ON Semiconductor MC14543B Datasheet HTML 6Page - ON Semiconductor MC14543B Datasheet HTML 7Page - ON Semiconductor MC14543B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 3
1
Publication Order Number:
MC14543B/D
MC14543B
BCD-to-Seven Segment
Latch/Decoder/Driver for
Liquid Crystals
The MC14543B BCD–to–seven segment latch/decoder/driver is
designed for use with liquid crystal readouts, and is constructed with
complementary MOS (CMOS) enhancement mode devices. The
circuit provides the functions of a 4–bit storage latch and an 8421
BCD–to–seven segment decoder and driver. The device has the
capability to invert the logic levels of the output combination. The
phase (Ph), blanking (BI), and latch disable (LD) inputs are used to
reverse the truth table phase, blank the display, and store a BCD code,
respectively. For liquid crystal (LC) readouts, a square wave is applied
to the Ph input of the circuit and the electrically common backplane of
the display. The outputs of the circuit are connected directly to the
segments of the LC readout. For other types of readouts, such as
light–emitting diode (LED), incandescent, gas discharge, and
fluorescent readouts, connection diagrams are given on this data sheet.
Applications include instrument (e.g., counter, DVM etc.) display
driver, computer/calculator display driver, cockpit display driver, and
various clock, watch, and timer uses.
Latch Storage of Code
Blanking Input
Readout Blanking on All Illegal Input Combinations
Direct LED (Common Anode or Cathode) Driving Capability
Supply Voltage Range = 3.0 V to 18 V
Capable of Driving 2 Low–power TTL Loads, 1 Low–power Schottky
TTL Load or 2 HTL Loads Over the Rated Temperature Range
Pin–for–Pin Replacement for CD4056A (with Pin 7 Tied to V
SS).
Chip Complexity: 207 FETs or 52 Equivalent Gates
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
– 0.5 to +18.0
V
Vin
Input Voltage Range, All Inputs
– 0.5 to VDD + 0.5
V
Iin
DC Input Current per Pin
±10
mA
PD
Power Dissipation,
per Package (Note 3.)
500
mW
TA
Operating Temperature Range
– 55 to +125
°C
Tstg
Storage Temperature Range
– 65 to +150
°C
IOHmax
IOLmax
Maximum Continuous Output
Drive Current (Source or Sink)
10
(per Output)
mA
POHmax
POLmax
Maximum Continuous Output
Power (Source or Sink) (4.)
70
(per Output)
mW
2. Maximum Ratings are those values beyond which damage to the device
may occur.
3. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
4. POHmax = IOH (VOH – VDD) and POLmax = IOL (VOL – VSS)
http://onsemi.com
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC14543BCP
PDIP–16
2000/Box
MC14543BD
SOIC–16
48/Rail
MC14543BDR2
SOIC–16
2500/Tape & Reel
1. For ordering information on the EIAJ version of
the SOIC packages, please contact your local
ON Semiconductor representative.
MARKING
DIAGRAMS
1
16
PDIP–16
P SUFFIX
CASE 648
MC14543BCP
AWLYYWW
SOIC–16
D SUFFIX
CASE 751B
1
16
14543B
AWLYWW
SOEIAJ–16
F SUFFIX
CASE 966
1
16
MC14543B
AWLYWW
MC14543BFEL
SOEIAJ–16
See Note 1.
MC14543BF
SOEIAJ–16
See Note 1.
This device contains protection circuitry to guard
against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid ap-
plications of any voltage higher than maximum rated
voltages to this high–impedance circuit. For proper
operation, Vin and Vout should be constrained to the
range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate
logic voltage level (e.g., either VSS or VDD). Unused out-
puts must be left open.


Podobny numer części - MC14543B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14543B MOTOROLA-MC14543B Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
ON Semiconductor
MC14543B ONSEMI-MC14543B Datasheet
112Kb / 8P
   BCD?뭪o?뭆even Segment Latch/Decoder/Driver for Liquid Crystals
June, 2006 ??Rev. 6
MC14543B ONSEMI-MC14543B Datasheet
125Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver for Liquid Crystals
July, 2014 ??Rev. 10
MC14543BCP ONSEMI-MC14543BCP Datasheet
112Kb / 8P
   BCD?뭪o?뭆even Segment Latch/Decoder/Driver for Liquid Crystals
June, 2006 ??Rev. 6
MC14543BCPG ONSEMI-MC14543BCPG Datasheet
112Kb / 8P
   BCD?뭪o?뭆even Segment Latch/Decoder/Driver for Liquid Crystals
June, 2006 ??Rev. 6
More results

Podobny opis - MC14543B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14543B ONSEMI-MC14543B_14 Datasheet
125Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver for Liquid Crystals
July, 2014 ??Rev. 10
MC14543B ONSEMI-MC14543B_06 Datasheet
112Kb / 8P
   BCD?뭪o?뭆even Segment Latch/Decoder/Driver for Liquid Crystals
June, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com