Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14538BF Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC14538BF
Szczegółowy opis  Dual Precision Retiggerable/Resettable Monostable Multivibrator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14538BF Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button MC14538BF Datasheet HTML 2Page - ON Semiconductor MC14538BF Datasheet HTML 3Page - ON Semiconductor MC14538BF Datasheet HTML 4Page - ON Semiconductor MC14538BF Datasheet HTML 5Page - ON Semiconductor MC14538BF Datasheet HTML 6Page - ON Semiconductor MC14538BF Datasheet HTML 7Page - ON Semiconductor MC14538BF Datasheet HTML 8Page - ON Semiconductor MC14538BF Datasheet HTML 9Page - ON Semiconductor MC14538BF Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC14538B
http://onsemi.com
6
INPUT CONNECTIONS
Characteristics
Reset
A
B
tPLH, tPHL, tTLH, tTHL,
T, tWH, tWL
VDD
PG1
VDD
tPLH, tPHL, tTLH, tTHL,
T, tWH, tWL
VDD
VSS
PG2
tPLH(R), tPHL(R),
tWH, tWL
PG3
PG1
PG2
Figure 4. Switching Test Waveforms
RESET
A
B
tPLH
Q
Q
50%
tWH
90%
10%
tTLH
tTHL
tWL
tTHL
tPHL
tTHL
90%
10%
50%
T
50%
50%
50%
90%
10%
tPLH
tTHL
tTLH
tPHL
tWL
50%
90%
10%
tPHL
tPHL
tTLH
tTHL
tPLH
50%
50%
90%
10%
50%
50%
50%
trr
50%
VDD
VDD
VDD
tTLH
Figure 5. Typical Normalized Distribution
of Units for Output Pulse Width
Figure 6. Typical Pulse Width Variation as
a Function of Supply Voltage VDD
0
0.2
0.4
0.6
0.8
1.0
–4
–2
0
2
4
T, OUTPUT PULSE WIDTH (%)
2
1
0
1
2
15
14
13
12
11
10
9
8
7
6
5
VDD, SUPPLY VOLTAGE (VOLTS)
TA = 25°C
RX = 100 kΩ
CX = 0.1 µF
0% POINT PULSE WIDTH
VDD = 5.0 V, T = 9.8 ms
VDD = 10 V, T = 10 ms
VDD = 15 V, T = 10.2 ms
RX = 100 kΩ
CX = 0.1 µF
Figure 3. Switching Test Circuit
* Includes capacitance of probes,
wiring, and fixture parasitic.
NOTE: Switching test waveforms
for PG1, PG2, PG3 are shown
In Figure 4.
VDD
RX
RX
VSS
CX
CX/RX
A
B
RESET
A
B
RESET
Q
Q
Q
Q
CL
CX
CL
CL
CL
VSS
PULSE
GENERATOR
PULSE
GENERATOR
PULSE
GENERATOR
VSS
*CL = 50 pF
PG1 =
PG2 =
PG3 =


Podobny numer części - MC14538BF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14538BF ONSEMI-MC14538BF Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
MC14538BFEL ONSEMI-MC14538BFEL Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
MC14538BFELG ONSEMI-MC14538BFELG Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
MC14538BFELG ONSEMI-MC14538BFELG Datasheet
198Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
MC14538BFELG ONSEMI-MC14538BFELG Datasheet
179Kb / 13P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
July, 2014 ??Rev. 11
More results

Podobny opis - MC14538BF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
MC14538B MOTOROLA-MC14538B Datasheet
275Kb / 10P
   DUAL PRECISION RETRIGGERABLE / RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC14538B ONSEMI-MC14538B_14 Datasheet
179Kb / 13P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
July, 2014 ??Rev. 11
MC14538BDWG ONSEMI-MC14538BDWG Datasheet
198Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com