Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1495 Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC1495
Szczegółowy opis  LINEAR FOUR-QUADRANT MULTIPLIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1495 Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC1495 Datasheet HTML 1Page - ON Semiconductor MC1495 Datasheet HTML 2Page - ON Semiconductor MC1495 Datasheet HTML 3Page - ON Semiconductor MC1495 Datasheet HTML 4Page - ON Semiconductor MC1495 Datasheet HTML 5Page - ON Semiconductor MC1495 Datasheet HTML 6Page - ON Semiconductor MC1495 Datasheet HTML 7Page - ON Semiconductor MC1495 Datasheet HTML 8Page - ON Semiconductor MC1495 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC1495
http://onsemi.com
5
or 20 log CMV
X
VO
Figure 10. Bandwidth (RL = 50 Ω)
Figure 11. Common Mode Gain and
Common Mode Input Swing
ACM = 20 log CMV
Y
VO
5 6
10
1
1
4
9
8
12
37
13
1.0 k
50
1
2
14
5 6
10
1
1
4
9
12
3
7
13
9.1 k
11
k
11
k
1
2
14
8
ein = 1.0 Vrms
50
ein
+
-
1.0 V
15 k
RY = 510 RX = 510
+15 V
50
R13
13.7k
0.1 µF
eo
CL < 3.0 pF
0.1µF
12 k
5.0 k
Scale
Factor
Adjust
K = 40
+32 V
0.1 µF
VO
15 k
1.0 mA
-15V
-15 V
12 k
5.0 k
0.1 µF
5.0 k
12 k
50
50
+
-
+
-
CMVX
(f = 20 Hz)
CMVY
(f = 20 Hz)
+
1.0 mA
MC1495
MC1495
Figure 12. Power Supply Sensitivity
Figure 13. Offset Adjust Circuit
56
10
11
4
9
8
12
37
13
-15 V
(V-)
0.1 µF
9.1 k
11
k
13.7 k
15 k
15 k
+32 V (V+)
1
2
14
VO2 VO1
2.0 k
4.3 k
22 k
2N2905A
or Equivalent
+32 V
6.2 V
S+ =
|∆ (VO1 - VO2)|
∆V+
S- =
|∆ (VO1 - VO2)|
∆V-
V+
R
2.0 k
Pot #1
Pot #2
V+
15 V 32 V
R
2.0 k 5.1 k
Figure 14. Offset Adjust Circuit (Alternate)
5.1 V
5.1 V
V+
R
10 k
Pot #1
To Pin 8
Y Offset
Adjust
Pot #2 To Pin 12
X Offset
Adjust
-15 V
V+ 15 V 32 V
R
10 k
22 k
2.0 k
MC1495
11
k
0.1 µF
-15 V
2.0 k
10 k 10 k
To Pin 8
Y Offset
Adjust
To Pin 12
X Offset
Adjust
-15 V
10 k
10 k


Podobny numer części - MC1495

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
MC1495D MOTOROLA-MC1495D Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
MC1495L MOTOROLA-MC1495L Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
More results

Podobny opis - MC1495

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
ON Semiconductor
MC1494 ONSEMI-MC1494 Datasheet
319Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER INTEGRATED CIRCUIT
1996 REV 0
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com