Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1495P Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części MC1495P
Szczegółowy opis  LINEAR FOUR-QUADRANT MULTIPLIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1495P Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button MC1495P Datasheet HTML 4Page - ON Semiconductor MC1495P Datasheet HTML 5Page - ON Semiconductor MC1495P Datasheet HTML 6Page - ON Semiconductor MC1495P Datasheet HTML 7Page - ON Semiconductor MC1495P Datasheet HTML 8Page - ON Semiconductor MC1495P Datasheet HTML 9Page - ON Semiconductor MC1495P Datasheet HTML 10Page - ON Semiconductor MC1495P Datasheet HTML 11Page - ON Semiconductor MC1495P Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC1495
http://onsemi.com
8
Maximum Output Voltage Swing
The maximum output voltage swing is dependent upon
the factors mentioned below and upon the particular circuit
being considered.
For Figure 20 the maximum output swing is dependent
upon V+ for positive swing and upon the voltage at Pin 1 for
negative swing. The potential at Pin 1 determines the
quiescent level for transistors Q5, Q6, Q7 and Q8. This
potential should be related so that negative swing at Pins 2
or 14 does not saturate those transistors. See General Design
Procedure for further information regarding selection of
these potentials.
RX RY I3
56
10
RX
RY
11
RI
RL
RL
2
1
14
VO
9
12
4
8
3
I3
13
7
R13
R3
V-
V+
VX
VY
VO = K VX VY
K =
2RL
MC1495
+
+
+
-
-
-
Figure 20. Basic Multiplier
If an operational amplifier is used for level shift, as shown
in Figure 21, the output swing (of the multiplier) is greatly
reduced. See Section 3 for further details.
GENERAL DESIGN PROCEDURE
Selection of component values is best demonstrated by the
following example. Assume resistive dividers are used at the
X and Y-inputs to limit the maximum multiplier input to
±
5.0 V [VX = VY(max)] for a ± 10 V input [VX′ = VY′(max)]
(see Figure 21). If an overall scale factor of 1/10 is desired,
VO =
VX′ VY′
10
=
(2VX) (2VY)
10
= 4/10 VX VY
then,
Therefore, K = 4/10 for the multiplier (excluding the divider
network).
Step 1. The fist step is to select current I3 and current I13.
There are no restrictions on the selection of either of these
currents except the power dissipation of the device. I3 and
I13 will normally be 1.0 mA or 2.0 mA. Further, I3 does not
have to be equal to I13, and there is normally no need to make
them different. For this example, let
I3 = I13 = 1.0 mA.
5
RX
10 k
RY
10 k
11
10
RL
18 k
5.0 k
P4
Output
Offset
Adjust
10 k
R13
12 k
I3
4
9
13
8
12
14
2
+
-
+
+
10 k
VY′
VY
VX
MC1495
MC1741C
P1
P2
10 k
2.0 k
-15 V
+15 V
5.1 V
2
3
7
4
6
5
1
+
-
20 k
RL
0.1 µF
+15 V
R0
3.0 k
R0
3.0 k
R1
3.0 k
1
7
- 15 V
- 15 V
3
I13
10 k
10 k
10 k
6
0.1 µF
2.0 k
Y Offset
Adjust
Scale
Factor
Adjust
R3
-10V ≤ VX ≤ +10V
-10V ≤ VY ≤ +10V
12 k
5.0 k
P3
X Offset
Adjust
VO =
-VX VY
10
VX′
Figure 21. Multiplier with Operational Amplifier Level Shift
5.1 V


Podobny numer części - MC1495P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
MC1495D MOTOROLA-MC1495D Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
MC1495L MOTOROLA-MC1495L Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
More results

Podobny opis - MC1495P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
ON Semiconductor
MC1494 ONSEMI-MC1494 Datasheet
319Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER INTEGRATED CIRCUIT
1996 REV 0
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com