Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33033P Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC33033P
Szczegółowy opis  BRUSHLESS DC MOTOR CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33033P Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC33033P Datasheet HTML 1Page - ON Semiconductor MC33033P Datasheet HTML 2Page - ON Semiconductor MC33033P Datasheet HTML 3Page - ON Semiconductor MC33033P Datasheet HTML 4Page - ON Semiconductor MC33033P Datasheet HTML 5Page - ON Semiconductor MC33033P Datasheet HTML 6Page - ON Semiconductor MC33033P Datasheet HTML 7Page - ON Semiconductor MC33033P Datasheet HTML 8Page - ON Semiconductor MC33033P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MC33033
5
MOTOROLA ANALOG IC DEVICE DATA
24
5.0
µs/DIV
AV = +1.0
No Load
TA = 25°C
4.5
3.0
1.5
1.0
µs/DIV
AV = +1.0
No Load
TA = 25°C
3.05
3.0
2.95
Gnd
Vref
IO, OUTPUT LOAD CURRENT (mA)
f, FREQUENCY (Hz)
56
1.0 k
220
200
180
160
140
120
100
80
60
–24
–16
– 8.0
0
8.0
16
32
40
48
10M
1.0 M
100 k
10 k
40
240
Phase
Gain
TA, AMBIENT TEMPERATURE (°C)
–55
– 4.0
– 2.0
0
2.0
125
4.0
100
75
50
25
0
–25
100
1.0
RT, TIMING RESISTOR (kΩ)
1000
100
10
0
10
Figure 1. Oscillator Frequency versus
Timing Resistor
Figure 2. Oscillator Frequency Change
versus Temperature
Figure 3. Error Amp Open Loop Gain and
Phase versus Frequency
Figure 4. Error Amp Output Saturation
Voltage versus Load Current
Figure 5. Error Amp Small–Signal
Transient Response
Figure 6. Error Amp Large–Signal
Transient Response
0
1.0
2.0
0
– 0.8
–1.6
1.6
0.8
5.0
4.0
3.0
0
VCC = 20 V
TA = 25°C
VCC = 20 V
RT = 4.7 k
CT = 10 nF
Source Saturation
(Load to Ground)
VCC = 20 V
TA = 25°C
VCC = 20 V
VO = 3.0 V
RL = 15 k
CL = 100 pF
TA = 25°C
Sink Saturation
(Load to Vref)
CT = 1.0 nF
CT = 10 nF
CT = 100 nF


Podobny numer części - MC33033P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33033P ONSEMI-MC33033P Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033PG ONSEMI-MC33033PG Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
More results

Podobny opis - MC33033P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com