Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33076 Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC33076
Szczegółowy opis  DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33076 Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button MC33076 Datasheet HTML 2Page - ON Semiconductor MC33076 Datasheet HTML 3Page - ON Semiconductor MC33076 Datasheet HTML 4Page - ON Semiconductor MC33076 Datasheet HTML 5Page - ON Semiconductor MC33076 Datasheet HTML 6Page - ON Semiconductor MC33076 Datasheet HTML 7Page - ON Semiconductor MC33076 Datasheet HTML 8Page - ON Semiconductor MC33076 Datasheet HTML 9Page - ON Semiconductor MC33076 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC33076
6
MOTOROLA ANALOG IC DEVICE DATA
1
A
2
A
1B
2B
Figure 13. Output Short Circuit Current
versus Temperature
VCC |VEE|, SUPPLY VOLTAGE (V)
Figure 14. Supply Current versus
Supply Voltage with No Load
TA, AMBIENT TEMPERATURE (°C)
Figure 15. Slew Rate
versus Temperature
Figure 16. Gain Bandwidth Product
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 17. Voltage Gain and Phase
versus Frequency
f, FREQUENCY (Hz)
Figure 18. Voltage Gain and Phase
versus Frequency
TA, AMBIENT TEMPERATURE (°C)
∆Vin
100
100pF
80
120
160
200
240
280
f, FREQEUNCY (Hz)
80
120
160
200
280
+
240
5.0
4.0
3.0
2.0
1.0
0
320
300
280
260
240
220
200
180
8.5
8.0
7.5
7.0
6.5
6.0
5.5
3.0
2.5
2.0
1.5
1.0
0.5
0
50
30
10
–10
–30
–50
50
30
10
–10
–30
–50
0
3.0
6.0
9.0
12
15
18
–55
–25
5.0
35
65
95
125
–55
–25
5.0
35
65
95
125
30 M
–55
–25
5.0
35
65
95
125
10 M
1.0 M
100 k
30 M
10 M
1.0 M
100 k
Source
Sink
VCC = +15 V
VEE = –15 V
VID = ±1.0 V
RL < 10 Ω
TA = + 25°C
TA = +125°C
TA = – 55°C
VCC = +15 V
VEE = –15 V
∆Vin = 20 Vpp
VCC = +15 V
VEE = –15 V
f = 100 Hz
RL = 100 Ω
CL = 0 pF
1
A
2
A
1
B
2
B
1A) Phase, VS = ±18 V
2A) Phase, VS = ±1.5 V
1B) Gain, VS = ±18 V
2B) Gain, VS = ±1.5 V
1A) Phase, (R = 100
Ω)
2A) Phase, (R = 100
Ω, C = 300 pF)
1B) Gain, (R = 100
Ω)
2B) Gain, (R = 100
Ω, C = 300 pF)


Podobny numer części - MC33076

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
153Kb / 12P
   Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
MC33076D ONSEMI-MC33076D Datasheet
153Kb / 12P
   Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
MC33076DR2 ONSEMI-MC33076DR2 Datasheet
153Kb / 12P
   Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
MC33076P1 ONSEMI-MC33076P1 Datasheet
153Kb / 12P
   Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
MC33076 ONSEMI-MC33076_1 Datasheet
153Kb / 12P
   Dual High Output Current, Low Power, Low Noise Bipolar Operational Amplifier
February, 2001 ??Rev. 1
More results

Podobny opis - MC33076

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2607 BURR-BROWN-OPA2607 Datasheet
174Kb / 11P
   Dual, High Output, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com