Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X1205V8IZ Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części X1205V8IZ
Szczegółowy opis  2-Wire RTC Real Time Clock/Calendar
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1205V8IZ Arkusz danych(HTML) 2 Page - Intersil Corporation

  X1205V8IZ Datasheet HTML 1Page - Intersil Corporation X1205V8IZ Datasheet HTML 2Page - Intersil Corporation X1205V8IZ Datasheet HTML 3Page - Intersil Corporation X1205V8IZ Datasheet HTML 4Page - Intersil Corporation X1205V8IZ Datasheet HTML 5Page - Intersil Corporation X1205V8IZ Datasheet HTML 6Page - Intersil Corporation X1205V8IZ Datasheet HTML 7Page - Intersil Corporation X1205V8IZ Datasheet HTML 8Page - Intersil Corporation X1205V8IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
FN8097.2
September 23, 2005
PIN DESCRIPTIONS
PIN ASSIGNMENTS
NC = No internal connection
X1
X2
VBACK
VCC
IRQ
SCL
SDA
VSS
1
2
3
4
7
8
6
5
8 Ld TSSOP
X1205
X1
X2
VBACK
VCC
IRQ
SCL
SDA
VSS
1
2
3
4
7
8
6
5
8 Ld SOIC
Ordering Information
PART NUMBER
PART MARKING
VCC RANGE (V)
TEMP RANGE (°C)
PACKAGE
X1205S8*
X1205
2.7 to 5.5
0 to 70
8 Ld SOIC (150 mil)
X1205S8Z* (Note)
X1205 Z
0 to 70
8 Ld SOIC (150 mil) (Pb Free)
X1205S8I*
X1205 I
-40 to 85
8 Ld SOIC (150 mil)
X1205S8IZ* (Note)
X1205 Z I
-40 to 85
8 Ld SOIC (150 mil) (Pb Free)
X1205V8*
1205
0 to 70
8 Ld TSSOP (4.4mm)
X1205V8Z* (Note)
1205 Z
0 to 70
8 Ld TSSOP (4.4mm) (Pb-free)
X1205V8I*
1205I
-40 to 85
8 Ld TSSOP (4.4mm)
X1205V8IZ* (Note)
1205I Z
-40 to 85
8 Ld TSSOP (4.4mm) (Pb-free)
*Add “T1” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pin Number
Symbol
Brief Description
SOIC
TSSOP
13
X1
X1. The X1 pin is the input of an inverting amplifier and should be connected to one pin
of a 32.768kHz quartz crystal.
24
X2
X2. The X2 pin is the output of an inverting amplifier and should be connected to one pin
of a 32.768kHz quartz crystal.
35
IRQ
Interrupt Output – IRQ. This is an interrupt signal output. This signal notifies a host proces-
sor that an alarm has occurred and requests action. It is an open drain active low output.
46
VSS
VSS.
57
SDA
Serial Data (SDA). SDA is a bidirectional pin used to transfer data into and out of the
device. It has an open drain output and may be wire ORed with other open drain or open
collector outputs.
68
SCL
Serial Clock (SCL). The SCL input is used to clock all data into and out of the device.
71
VBACK
VBACK. This input provides a backup supply voltage to the device. VBACK supplies power
to the device in the event the VCC supply fails. This pin can be connected to a battery, a
Supercap or tied to ground if not used.
82
VCC
VCC.
X1205


Podobny numer części - X1205V8IZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
X1205V8IZ RENESAS-X1205V8IZ Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
More results

Podobny opis - X1205V8IZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
X1205 RENESAS-X1205 Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
logo
NXP Semiconductors
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
   Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
PCF8523 NXP-PCF8523 Datasheet
1Mb / 66P
   Real-Time Clock (RTC) and calendar
Rev. 3-30 March 2011
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1226 RENESAS-X1226 Datasheet
993Kb / 25P
   4K (512 x 8), 2-Wire??RTC Real Time Clock/Calendar with EEPROM
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com