Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X1205S8IT1 Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części X1205S8IT1
Szczegółowy opis  2-Wire RTC Real Time Clock/Calendar
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1205S8IT1 Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button X1205S8IT1 Datasheet HTML 6Page - Intersil Corporation X1205S8IT1 Datasheet HTML 7Page - Intersil Corporation X1205S8IT1 Datasheet HTML 8Page - Intersil Corporation X1205S8IT1 Datasheet HTML 9Page - Intersil Corporation X1205S8IT1 Datasheet HTML 10Page - Intersil Corporation X1205S8IT1 Datasheet HTML 11Page - Intersil Corporation X1205S8IT1 Datasheet HTML 12Page - Intersil Corporation X1205S8IT1 Datasheet HTML 13Page - Intersil Corporation X1205S8IT1 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
FN8097.2
September 23, 2005
RTCF: Real Time Clock Fail Bit-Volatile
This bit is set to a ‘1’ after a total power failure. This is
a read only bit that is set by hardware (X1205 inter-
nally) when the device powers up after having lost all
power to the device. The bit is set regardless of
whether VCC or VBACK is applied first. The loss of only
one of the supplies does not result in setting the RTCF
bit. The first valid write to the RTC after a complete
power failure (writing one byte is sufficient) resets the
RTCF bit to ‘0’.
Table 2. Clock/Control Memory Map
Addr.
Type
Reg
Name
Bit
Range
7
6
543
210
003F
Status
SR
BAT
AL1
AL0
0
0
RWEL
WEL
RTCF
01h
0037
RTC (SRAM)
Y2K
0
0
Y2K21
Y2K20
Y2K13
0
0
Y2K10
20h
0036
DW
0
0
0
0
0
DY2
DY1
DY0
0-6
00h
0035
YR
Y23
Y22
Y21
Y20
Y13
Y12
Y11
Y10
0-99
00h
0034
MO
0
0
0
G20
G13
G12
G11
G10
1-12
00h
0033
DT
0
0
D21
D20
D13
D12
D11
D10
1-31
00h
0032
HR
MIL
0
H21
H20
H13
H12
H11
H10
0-23
00h
0031
MN
0
M22
M21
M20
M13
M12
M11
M10
0-59
00h
0030
SC
0
S22
S21
S20
S13
S12
S11
S10
0-59
00h
0013
Control
(NONVOLATILE)
DTR
0
0
0
0
0
DTR2
DTR1
DTR0
00h
0012
ATR
0
0
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
00h
0011
INT
IM
AL1E
AL0E
0
0
X
X
X
00h
0010
0
0
0
0
0
0
0
0
0
00h
000F
Alarm1
(NONVOLATILE)
Y2K1
0
0
A1Y2K21
A1Y2K20
A1Y2K13
0
0
A1Y2K10
20h
000E
DWA1
EDW1
0
0
0
0
DY2
DY1
DY0
0-6
00h
000D
YRA1
Unused – Default = RTC Year value – Future expansion
000C
MOA1
EMO1
0
0
A1G20
A1G13
A1G12
A1G11
A1G10
1-12
00h
000B
DTA1
EDT1
0
A1D21
A1D20
A1D13
A1D12
A1D11
A1D10
1-31
00h
000A
HRA1
EHR1
0
A1H21
A1H20
A1H13
A1H12
A1H11
A1H10
0-23
00h
0009
MNA1
EMN1
A1M22
A1M21
A1M20
A1M13
A1M12
A1M11
A1M10
0-59
00h
0008
SCA1
ESC1
A1S22
A1S21
A1S20
A1S13
A1S12
A1S11
A1S10
0-59
00h
0007
Alarm0
(NONVOLATILE)
Y2K0
0
0
A0Y2K21
A0Y2K20
A0Y2K13
0
0
A0Y2K10
19/20
20h
0006
DWA0
EDW0
0
0
0
0
DY2
DY1
DY0
0-6
00h
0005
YRA0
Unused – Default = RTC Year value – Future expansion
0004
MOA0
EMO0
0
0
A0G20
A0G13
A0G12
A0G11
A0G10
1-12
00h
0003
DTA0
EDT0
0
A0D21
A0D20
A0D13
A0D12
A0D11
A0D10
1-31
00h
0002
HRA0
EHR0
0
A0H21
A0H20
A0H13
A0H12
A0H11
A0H10
0-23
00h
0001
MNA0
EMN0
A0M22
A0M21
A0M20
A0M13
A0M12
A0M11
A0M10
0-59
00h
0000
SCA0
ESC0
A0S22
A0S21
A0S20
A0S13
A0S12
A0S11
A0S10
0-59
00h
X1205


Podobny numer części - X1205S8IT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Xicor Inc.
X1205S8I XICOR-X1205S8I Datasheet
407Kb / 22P
   Real Time Clock/Calendar
logo
Renesas Technology Corp
X1205S8I RENESAS-X1205S8I Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
X1205S8IZ RENESAS-X1205S8IZ Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
More results

Podobny opis - X1205S8IT1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
X1205 RENESAS-X1205 Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
logo
NXP Semiconductors
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
   Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
PCF8523 NXP-PCF8523 Datasheet
1Mb / 66P
   Real-Time Clock (RTC) and calendar
Rev. 3-30 March 2011
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1226 RENESAS-X1226 Datasheet
993Kb / 25P
   4K (512 x 8), 2-Wire??RTC Real Time Clock/Calendar with EEPROM
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com