Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X1205V8T1 Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części X1205V8T1
Szczegółowy opis  2-Wire RTC Real Time Clock/Calendar
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1205V8T1 Arkusz danych(HTML) 1 Page - Intersil Corporation

  X1205V8T1 Datasheet HTML 1Page - Intersil Corporation X1205V8T1 Datasheet HTML 2Page - Intersil Corporation X1205V8T1 Datasheet HTML 3Page - Intersil Corporation X1205V8T1 Datasheet HTML 4Page - Intersil Corporation X1205V8T1 Datasheet HTML 5Page - Intersil Corporation X1205V8T1 Datasheet HTML 6Page - Intersil Corporation X1205V8T1 Datasheet HTML 7Page - Intersil Corporation X1205V8T1 Datasheet HTML 8Page - Intersil Corporation X1205V8T1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
®
FN8097.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X1205
2-Wire™ RTC Real Time Clock/Calendar
FEATURES
• Real Time Clock/Calendar
—Tracks time in Hours, Minutes, and Seconds
—Day of the Week, Day, Month, and Year
• 2 Polled Alarms (Non-volatile)
—Settable on the Second, Minute, Hour, Day of
the Week, Day, or Month
—Repeat Mode (periodic interrupts)
• Oscillator Compensation on chip
—Internal feedback resistor and compensation
capacitors
—64 position Digitally Controlled Trim Capacitor
—6 digital frequency adjustment settings to
±30ppm
• Battery Switch or Super Cap Input
• 2-Wire™ Interface interoperable with I2C*
—400kHz data transfer rate
• Low Power CMOS
—1.25µA Operating Current (Typical)
• Small Package Options
—8-Lead SOIC and 8-Lead TSSOP
• Repetitive Alarms
• Temperature Compensation
• Pb-Free Plus Anneal Available (RoHS Compliant)
APPLICATIONS
• Utility Meters
• HVAC Equipment
• Audio/Video Components
• Set Top Box/Television
•Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers/PDA
• POS Equipment
• Test Meters/Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial/Medical/Automotive
DESCRIPTION
The X1205 device is a Real Time Clock with
clock/calendar,
two
polled
alarms,
oscillator
compensation, and battery backup switch.
The oscillator uses an external, low-cost 32.768kHz
crystal. All compensation and trim components are
integrated on the chip. This eliminates several external
discrete components and a trim capacitor, saving
board area and component cost.
The Real-Time Clock keeps track of time with
separate registers for Hours, Minutes, and Seconds.
The Calendar has separate registers for Date, Month,
Year and Day-of-week.
The calendar is correct
through 2099, with automatic leap year correction.
BLOCK DIAGRAM
X1
X2
Oscillator
Frequency
Timer
Logic
Divider
Calendar
8
32.768kHz
Control
Registers
1Hz
Time
Keeping
Registers
Alarm Regs
Compare
IRQ
Control
Decode
Logic
Alarm
(EEPROM)
(EEPROM)
SCL
SDA
Serial
Interface
Decoder
Interrupt Enable
Registers
Status
(SRAM)
Alarm
Alarm
(SRAM)
OSC
Compensation
Data Sheet
September 23, 2005


Podobny numer części - X1205V8T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Xicor Inc.
X1205V8 XICOR-X1205V8 Datasheet
407Kb / 22P
   Real Time Clock/Calendar
logo
Renesas Technology Corp
X1205V8 RENESAS-X1205V8 Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
logo
Xicor Inc.
X1205V8I XICOR-X1205V8I Datasheet
407Kb / 22P
   Real Time Clock/Calendar
logo
Renesas Technology Corp
X1205V8I RENESAS-X1205V8I Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
X1205V8IZ RENESAS-X1205V8IZ Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
More results

Podobny opis - X1205V8T1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
X1205 RENESAS-X1205 Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
logo
NXP Semiconductors
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
   Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
PCF8523 NXP-PCF8523 Datasheet
1Mb / 66P
   Real-Time Clock (RTC) and calendar
Rev. 3-30 March 2011
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1226 RENESAS-X1226 Datasheet
993Kb / 25P
   4K (512 x 8), 2-Wire??RTC Real Time Clock/Calendar with EEPROM
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com