Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X1228S14IZ-2.7 Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części X1228S14IZ-2.7
Szczegółowy opis  Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X1228S14IZ-2.7 Arkusz danych(HTML) 1 Page - Intersil Corporation

  X1228S14IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X1228S14IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X1228S14IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X1228S14IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X1228S14IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X1228S14IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X1228S14IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X1228S14IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X1228S14IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
®
FN8100.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X1228
4K (512 x 8), 2-WireRTC
Real Time Clock/Calendar/CPU
Supervisor with EEPROM
FEATURES
• Real Time Clock/Calendar
— Tracks time in Hours, Minutes, and Seconds
— Day of the Week, Day, Month, and Year
• 2 Polled Alarms (Non-volatile)
— Settable on the Second, Minute, Hour, Day of the
Week, Day, or Month
— Repeat Mode (periodic interrupts)
• Oscillator Compensation on chip
— Internal feedback resistor and compensation
capacitors
— 64 position Digitally Controlled Trim Capacitor
— 6 digital frequency adjustment settings to
±30ppm
• CPU Supervisor Functions
— Power-on Reset, Low Voltage Sense
— Watchdog Timer (SW Selectable: 0.25s, 0.75s,
1.75s, off)
• Battery Switch or Super Cap Input
• 512 x 8 Bits of EEPROM
— 64-Byte Page Write Mode
— 8 modes of Block Lock™ Protection
— Single Byte Write Capability
• High Reliability
— Data Retention: 100 years
— Endurance: 100,000 cycles per byte
• 2-Wire™ Interface interoperable with I2C*
— 400kHz data transfer rate
• Frequency Output (SW Selectable: Off, 1Hz,
4096Hz, or 32.768kHz)
•Low Power CMOS
— 1.25µA Operating Current (Typical)
• Small Package Options
— 14 Ld SOIC and 14 Ld TSSOP
• Repetitive Alarms
• Temperature Compensation
• Pb-Free Plus Anneal Available (RoHS Compliant)
APPLICATIONS
• Utility Meters
• HVAC Equipment
• Audio/Video Components
• Set Top Box/Television
•Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers/PDA
• POS Equipment
• Test Meters/Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial/Medical/Automotive
BLOCK DIAGRAM
X1
X2
Oscillator
Frequency
Timer
Logic
Divider
Calendar
8
Control/
Registers
1Hz
Time
Keeping
Registers
Alarm Regs
Compare
RESET
Control
Decode
Logic
Alarm
(EEPROM)
(EEPROM)
SCL
SDA
Serial
Interface
Decoder
4K
EEPROM
ARRAY
Watchdog
Timer
Low Voltage
Reset
Registers
Status
(SRAM)
Select
PHZ/IRQ
VCC
VBACK
32.768kHz
(SRAM)
Battery
Circuitry
Switch
OSC Compensation
Data Sheet
October 17, 2005


Podobny numer części - X1228S14IZ-2.7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
X1228S14IZ-2.7 INTERSIL-X1228S14IZ-2.7 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228S14IZ-2.7 RENESAS-X1228S14IZ-2.7 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228S14IZ-2.7A INTERSIL-X1228S14IZ-2.7A Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228S14IZ-2.7A RENESAS-X1228S14IZ-2.7A Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Podobny opis - X1228S14IZ-2.7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com