Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SP8U100L Arkusz danych(PDF) 3 Page - Jinan Jing Heng Electronics Co., Ltd.

Numer części SP8U100L
Szczegółowy opis  LOW VF SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Strona internetowa  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SP8U100L Arkusz danych(HTML) 3 Page - Jinan Jing Heng Electronics Co., Ltd.

  SP8U100L Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SP8U100L Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. SP8U100L Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. SP8U100L Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
20
40
60
80
100
120
150
0
4.0
6.0
8.0
10.0
2.0
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
LEAD TEMPERATURE ( ℃)
RESISTIVE OR INDUCTIVE LOAD
FIG.5-TYPICAL JUNCTION CAPACITANCE
JINAN JINGHENG ELECTRONICS CO., LTD.
4-3
130
RATINGS AND CHARACTERISTIC OF SP8U100L
REVERSE VOLTAGE. VOLTS
0.1
1
10
100
100
4000
1000
TL measured at the
cathode band terminal
0
25
50
75
100
125
150
1
10
100
TJ=TJMAX
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
HTTP://WWW.JINGHENG.CN


Podobny numer części - SP8U100L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EUROQUARTZ limited
SP8 EUROQUARTZ-SP8 Datasheet
112Kb / 1P
   OSCILLATORS - PROGRAMMABLE
logo
A-Data Technology
SP800 A-DATA-SP800 Datasheet
361Kb / 2P
   ADATA Premier SP800 Solid State Drive SATA 3 Gb/sec
logo
SIPAT Co,Ltd
SP80001 SIPAT-SP80001 Datasheet
156Kb / 4P
   800MHz Low-loss SAW Filter 53MHz Bandwidth
logo
List of Unclassifed Man...
SP8003 ETC2-SP8003 Datasheet
297Kb / 4P
   Very High Accuracy, Low Noise, Sample-and-Hold Amplifier
logo
SamHop Microelectronics...
SP8005 SAMHOP-SP8005 Datasheet
120Kb / 8P
   Super high dense cell design for low RDS(ON).
More results

Podobny opis - SP8U100L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SB30100LYT PANJIT-SB30100LYT_16 Datasheet
140Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR24ALF PANJIT-SR24ALF Datasheet
165Kb / 5P
   LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260L JINANJINGHENG-SR260L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR540LA JINANJINGHENG-SR540LA Datasheet
66Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR1045L JINANJINGHENG-SR1045L Datasheet
68Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR240SL JINANJINGHENG-SR240SL Datasheet
61Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR260SL JINANJINGHENG-SR260SL Datasheet
61Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR360L JINANJINGHENG-SR360L Datasheet
62Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
SR1045LCT JINANJINGHENG-SR1045LCT Datasheet
74Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com