Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


SP10U45L_V1 Datasheet(Arkusz danych) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Numer części SP10U45L_V1
Szczegółowy opis  LOW VF SCHOTTKY BARRIER RECTIFIER
Pobierz  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Strona internetowa  http://www.jinghenggroup.com/
Logo 

   
 1 page
background image
R
SP10U45L
LOW VF SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 45Volts
Forward Current - 10.0Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS
Case: TO-277 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,method 2026
Mounting Position: Any
Weight: 0.092 grams(approx)
(Ratings at 25℃ ambient temperature unless otherwise specified )
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
Guard ring for overvoltage protection
Low power loss ,high efficiency
High current capability ,low forward voltage drop
High surge capability
Very low profile-typical height of 1.1mm
Ideal for automated placement
High temperature soldering guaranteed:260℃/10 seconds at terminals
Component in accordance to RoHS 2011/65/EU
S E M I C O N D U C T O R
Maximum repetitive peak reverse voltage
VRRM
V
A
A
IF(AV)
IFSM
Tstg
TJ
Maximum average forward rectified current
Operating junction temperature range
Storage temperature range
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method at rated TL)
10.0
150
-55 to+150
-55 to+150
45
Symbol
Unit
Value
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP://WWW.JINGHENG.CN
Pb
RoHS
COMPLIANT
TYPICAL APPLICATIONS
For use in low voltage ,high frequency inverters ,DC/DC converters,
free wheeling ,and polarity protection applications
Parameter
3-1
TO-277
Dimensions in inches and (millimetrers)
8 0 °
0.55±0.1
0.85±0.05
L
1 .25±0.1
5 .38±0.1
6 .5±0.15
K
Anode1
Anode1
Cathode
3.55±0.3




Html Pages

1  2  3 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl