Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


TW3150 Datasheet(Arkusz danych) 2 Page - Tallysman Wireless Inc.

Numer części TW3150
Szczegółowy opis  TW3150/52 High Gain / High Rejection Timing Antenna
Pobierz  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  TALLYSMAN [Tallysman Wireless Inc.]
Strona internetowa  https://www.tallysman.com/
Logo 

   
 2 page
background image
TW3150/52 High Gain / High Rejection Timing Antenna
Specifications
Antenna
Architecture
Dual, Quadrature Feeds
1 dB Bandwidth
20 MHz
Antenna Gain (with 100mm ground plane)
4.5 dBic @ 90°
Axial Ratio (over full bandwidth)
<1 dB @zenith typ., 3 dB max.
Electrical
Filtered LNA Frequency Bandwidth
1575 MHz ± 10 MHz
Polarization
RHCP
LNA Gain 1575.42 ±10 MHz
TW3150: 48 dB min., TW3152: 48dB min
Gain flatness
+/- 1.5dB, 1565.42 MHz to 1585.42 MHz
Group Delay (TW3150 w/o cable) 92nS @ 1573.42MHz
89nS @ 1575.42MHz
99nS @ 1577.42MHz
Group Delay (TW3152 w/o cable) 137nS @ 1573.42MHz
133nS @ 1575.42MHz
145nS @ 1577.42MHz
Out-of-Band Rejection
<1545 MHz
>80 dB
>1610 MHz
>60dB
VSWR (at LNA output)
<1.5:1, 2.0 max
Noise Figure
TW3150: 1.5dB typ.; TW3152: 3.8 dB typ
Supply Voltage Range (over coaxial cable)
2.7 to 26 VDC nominal
Supply Current
25 mA typ., 30mA max
ESD Circuit Protection
15 KV air discharge
Mechanicals & Environmental
Mechanical Size
66.5 mm dia. x 21 mm H
Operating Temp. Range
-40 to +85 °C
Enclosure
Radome: EXL9330, Base: Zamak White Metal (M18x1thread)
Weight
150 g
Attachment Method
Permanent ¾” (19mm) through hole mount
Environmental
IP67, REACH, RED, and RoHS compliant
Shock
Vertical axis: 50 G, other axes: 30 G
Vibration
3 axis, sweep = 15 min, 10 to 200 Hz sweep: 3 G
Salt Spray
MIL-STD-810F Section 509.4
Ordering Information
TW3152 – High Gain / High Rejection Timing Antenna
33-3152-xx-yy-zzzz
TW3150 – High Gain / High Rejection Timing Antenna
33-3150-xx-yy-zzzz
Where xx = connector type, yy = shape and colour of radome, and zzzz = cable length in mm (where applicable)
Please
refer
to
the
Ordering
Guide (http://www.tallysman.com/wp-content/uploads/Current-Ordering-
Guide.pdf)) for the current and complete list of available radomes and connectors.
36 Steacie Drive, Ottawa, ON K2K 2A9 Canada
Tel +1 613 591 3131
Fax +1 613 591 3121
sales@tallysman.com
The information provided herein is intended as a guide only and is subject to change without notice. This document is not to be
regarded as a guarantee of performance. Tallysman Wireless Inc. hereby disclaims any or all warranties and liabilities of any
kind. © 2015 Tallysman Wireless Inc. All rights reserved.
Rev 1.4




Html Pages

1  2 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl