Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


U60D20D_V01 Datasheet(Arkusz danych) 1 Page - Thinki Semiconductor Co., Ltd.

Numer części U60D20D_V01
Szczegółowy opis  60.0 Amperes Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Pobierz  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Strona internetowa  http://www.thinkisemi.com
Logo 

   
 1 page
background image
MAXIMUM RATINGS
Rating
Symbol
U60D20D U60D40D
U60D60D
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
400
600
V
Average Rectified Forward Current (Rated VR)
Per Leg
Per Device
IF(AV)
30 @ TC = 150°C
60 @ TC = 150°C
A
Peak Rectified Forward Current, Per Leg
(Rated VR, Square Wave, 20 kHz, TC = 150°C)
IFRM
60 @ TC = 150°C
60 @ TC =145°C
A
Nonrepetitive Peak Surge Current (Surge applied at rated
load conditions, halfwave, single phase, 60 Hz) Per Leg
IFSM
600
A
Operating Junction and Storage Temperature
TJ, Tstg
− 65 to +175
°C
THERMAL CHARACTERISTICS (Per Diode Leg)
Maximum Thermal Resistance,
− Junction−to−Case
− Junction−to−Ambient
RqJC
RqJA
1.5
40
°C/W
ELECTRICAL CHARACTERISTICS (Per Diode Leg)
Maximum Instantaneous Forward Voltage (Note 1)
(IF = 30 Amp, TC = 150°C)
(IF = 30 Amp, TC = 25°C)
VF
0.95
1.05
1.20
1.30
1.5
1.7
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated DC Voltage, TJ = 150°C)
(Rated DC Voltage, TJ = 25°C)
iR
5000
60
5000
60
mA
Maximum Reverse Recovery Time
(iF = 1.0 A, di/dt = 50 A/ms)
trr
35
50
ns
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.
Features
Dual rectifier construction, positive center-tap
Plastic package has Underwriters Laboratory
Flammability Classification 94V0
Glass passivated chip junctions
Superfast recovery time, high voltage
Low forward voltage, high current capability
Low thermal resistance
Low power loss, high efficiency
High temperature soldering guaranteed:
260
oC, 0.16”(4.06mm)from case for 10 seconds
Mechanical Data
Cases:Heatsink TO-3PN open metal package
Terminals: Pure tin plated, lead free solderable per
MIL-STD-750. Method 2026
Polarity: As marked
Mounting position: Any
Mounting torque: 10in-lbs. Max.
Weight: 6.5 gram approximately
Pb Free Plating Product
U60D20D/U60D40D/U60D60D
60.0 Amperes Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Pb
U60D20D thru U60D60D
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/3
Rev.10T
TO-3PN
Bottom Side Metal Heat Sink
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Suffix "C"
Tandem Polarity
Case
Series
Tandem Polarity
Suffix "A"
Suffix "D"
Suffix "S"




Html Pages

1  2  3 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl